Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4220 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS4220
Description  24-Bit Stereo Audio Codec with 3V Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4220 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS4220 Datasheet HTML 6Page - Cirrus Logic CS4220 Datasheet HTML 7Page - Cirrus Logic CS4220 Datasheet HTML 8Page - Cirrus Logic CS4220 Datasheet HTML 9Page - Cirrus Logic CS4220 Datasheet HTML 10Page - Cirrus Logic CS4220 Datasheet HTML 11Page - Cirrus Logic CS4220 Datasheet HTML 12Page - Cirrus Logic CS4220 Datasheet HTML 13Page - Cirrus Logic CS4220 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
CS4220 CS4221
10
DS284PP3
2. TYPICAL CONNECTION DIAGRAM — CS4220
AINL+
AINL-
1 µF
+
0.1 µF
2Ω
0.1 µF + 1µF
+5V
Supply
21
6
VA
VD
Ferrite Bead
2.2 nF
150Ω
150Ω
AINR+
AINR-
2.2 nF
150Ω
150Ω
20
19
17
16
22
7
AGND
DGND
10
11
Mode Selection
DIF1
DIF0
5
4
Audio
DSP
SCLK
LRCK
9
SDIN
8
SDOUT
Rs
Rs
CS4220
27
RST
R= 500 Ω
NC
1
NC
14
NC
15
NC
28
Rs
Rs
s
0.1 µF + 1µF
13
VL
+2.7 - 5V
47 kΩ
*
* Required for
Master Mode only
Digital Audio
Source
18
25
26
AOUTL+
AOUTL-
24
23
Analog Filter
AOUTR+
AOUTR-
12
DEM0
DEM1
XTI
XTO
2
3
External
Clock Input
40 pF
40 pF
Eliminate the crystal
and capacitors when
using an external
clock input
Analog Filter
Figure 4. CS4220 Recommended Connection Diagram
(Also see
Recommended Layout Diagram)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com