Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4220 Datasheet(PDF) 25 Page - Cirrus Logic

Part # CS4220
Description  24-Bit Stereo Audio Codec with 3V Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4220 Datasheet(HTML) 25 Page - Cirrus Logic

Back Button CS4220 Datasheet HTML 21Page - Cirrus Logic CS4220 Datasheet HTML 22Page - Cirrus Logic CS4220 Datasheet HTML 23Page - Cirrus Logic CS4220 Datasheet HTML 24Page - Cirrus Logic CS4220 Datasheet HTML 25Page - Cirrus Logic CS4220 Datasheet HTML 26Page - Cirrus Logic CS4220 Datasheet HTML 27Page - Cirrus Logic CS4220 Datasheet HTML 28Page - Cirrus Logic CS4220 Datasheet HTML 29Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
CS4220 CS4221
DS284PP3
25
Master
Slave
I2S, up to 24-bit data
XTI=256, 384, 512 Fs (CS4223-256Fsonly)
LRCK = 4 to 50 kHz
SCLK = 64 Fs
I2S, up to 24-bit data
XTI = 256, 384, 512 Fs
LRCK = 4 to 50 kHz
SCLK = 48,64, 128 Fs
LRCK
SCLK
Left Channel
Right Channel
SDATA
+3 +2 +1 LSB
+5 +4
MSB -1 -2 -3 -4 -5
+3 +2 +1 LSB
+5 +4
MSB -1 -2 -3 -4
Figure 8. Serial Audio Format 0 (I2S)
Figure 9. Serial Audio Format 1
Master
Slave
Left-justified, up to 24-bit data
XTI=256, 384, 512 Fs (CS4223-256Fsonly)
LRCK = 4 to 50 kHz
SCLK = 64 Fs
Left-justified, up to 24-bit data
XTI = 256, 384, 512 Fs
LRCK = 4 to 50 kHz
SCLK = 48, 64, 128 Fs
LRCK
SCLK
Left Channel
Right Channel
SDATA
+3 +2 +1 LSB
+5 +4
MSB -1 -2 -3 -4 -5
+3 +2 +1 LSB
+5 +4
MSB -1 -2 -3 -4
Figure 10. Serial Audio Format 2
Master
Slave
Right-justified, 24-bit data
XTI=256, 384, 512 Fs (CS4223-256Fsonly)
LRCK = 4 to 50 kHz
SCLK = 64 Fs
Right-justified, 24-bit data
XTI = 256, 384, 512 Fs
LRCK = 4 to 50 kHz
SCLK = 64 Fs
LRCK
SCLK
Left Channel
SDATA
65432
1
0
7
23 22 21 20 19 18
6
5
43
21
0
7
23 22 21 20 19 18
32 clocks
0
Right Channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com