| Electronic Components Datasheet Search |
|
CS4630 Datasheet(PDF) 33 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS4630 Datasheet(HTML) 33 Page - Cirrus Logic |
|
33 / 38 page ![]() CS4630 DS445PP1 33 VOLUP/XTALI - Volume-Up Button / Crystal In, Input This dual function pin is either the volume-up button control input or the crystal oscillator input pin, depending on system configuration. This pin may also be used as a general purpose input if its primary function is not needed. VOLDN/XTALO - Volume-Down Button / Crystal Output, I/O This dual function pin is either the volume-down button control input or the crystal oscillator output pin, depending on system configuration. This pin may also be used as a general purpose input if its primary function is not needed. 12.4 Clock / Miscellaneous CLKRUN# - Optional System Clock Control, Open Drain Output, Active Low CLKRUN# is an optional PCI signal defined for mobile operations. This is a Bidirectional pin indicating that the PCI clock is required. This signal pin is not available on the add-in card connector. CRYVDD - Crystal & PLL Power Supply Power pin for crystal oscillator and internal phase locked loop. This pin must be connected to a nominal +3.3 Volts. CRYGND - Crystal & PLL Ground Supply Ground pin for crystal oscillator and internal phase locked loop. JACX, JACY, JBCX, JBCY - Joystick A and B X/Y Coordinates, I/O These pins are the 4 axis coordinates for the joystick port. These pins may also be used as general purpose inputs or open drain outputs if their primary function is not needed. JAB1/SDO2 - Joystick A Button 1 / Serial Data Output 2, I/O This dual function pin defaults as JAB1 (button 1 input for joystick A). In non-AC ’97 system configurations, this pin can function as a second stereo digital data output pin if enabled. This pin can also be a general purpose polled input if a second data output stream is not required. JAB2/SDO3 - Joystick A Button 2 / Serial Data Output 3, I/O This dual function pin defaults as JAB2 (button 2 input for joystick A). In non-AC ’97 system configurations, this pin can function as a third stereo digital data output pin if enabled. This pin can also be a general purpose polled input if a third data output stream is not required. JBB1/LRCLK - Joystick B Button 1 / L/R Framing Clock, I/O This dual function pin defaults as JBB1 (button 1 input for joystick B). In non-AC ’97 system configurations, this pin can function as a left/right framing clock output pin for SDO2 and SDO3. This pin can also be used as a general purpose polled input if alternate data output streams are not required. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |