Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4630 Datasheet(PDF) 35 Page - Cirrus Logic

Part # CS4630
Description  CrystalClear SoundFusion PCI Audio Accelerator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4630 Datasheet(HTML) 35 Page - Cirrus Logic

Back Button CS4630 Datasheet HTML 30Page - Cirrus Logic CS4630 Datasheet HTML 31Page - Cirrus Logic CS4630 Datasheet HTML 32Page - Cirrus Logic CS4630 Datasheet HTML 33Page - Cirrus Logic CS4630 Datasheet HTML 34Page - Cirrus Logic CS4630 Datasheet HTML 35Page - Cirrus Logic CS4630 Datasheet HTML 36Page - Cirrus Logic CS4630 Datasheet HTML 37Page - Cirrus Logic CS4630 Datasheet HTML 38Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
CS4630
DS445PP1
35
ASDIN2 - Second AC ‘97 Data In, Input, Weak Internal Pulldown
AC ‘97 (2.1) Serial audio input data for the second AC ‘97 Codec. The other AC link pins are
either shared with the first AC ‘97 interface or connected to the second complete AC ‘97
interface listed below.
ABITCLK2 - Second AC ‘97 Link Bit Clock, Input, Weak Internal Pulldown
Master timing clock for the second AC ‘97 serial link.
ASYNC2 - Second AC ‘97 Link Frame Sync, Output
Framing clock for second AC ‘97 link serial audio data. This pin is an output which indicates
the framing for the second AC ’97 link.
ASDOUT2 - Second AC ‘97 Link Data Out, Output
AC ‘97 serial data out/Serial audio output data.
ARST2# - Second AC ‘97 Link Reset, Output, Active Low
Second AC ’97 link reset pin. This pin also functions as a general purpose reset output in non-
AC ’97 configurations and will follow RST# to ground, but must be forced high by software.
12.6 ZV Port Serial Interface
ZSCLK - ZV Port Serial Clock, Input, Weak Internal Pulldown
ZV Port serial bit clock.
ZLRCLK - ZV Port Left/Right Clock, Input, Weak Internal Pulldown
ZV Port left/right channel delineation.
ZSDATA - ZV Port Serial Data In, Input, Weak Internal Pulldown
ZV Port serial data input pin.
12.7 Consumer Digital Audio I/O (S/PDIF)
SPDIFO - Consumer Digital Audio Out, Output
This CMOS pin outputs serial data that conforms to the IEC-958 consumer format. The data is
bi-phase mark encoded and requires external drivers.
SPDIFI - Consumer Digital Audio In, Input, Weak Internal Pulldown
This pin receives asynchronous serial data that conforms to the IEC-958 consumer format. The
data should be bi-phase mark encoded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com