Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4630 Datasheet(PDF) 36 Page - Cirrus Logic

Part # CS4630
Description  CrystalClear SoundFusion PCI Audio Accelerator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4630 Datasheet(HTML) 36 Page - Cirrus Logic

Back Button CS4630 Datasheet HTML 30Page - Cirrus Logic CS4630 Datasheet HTML 31Page - Cirrus Logic CS4630 Datasheet HTML 32Page - Cirrus Logic CS4630 Datasheet HTML 33Page - Cirrus Logic CS4630 Datasheet HTML 34Page - Cirrus Logic CS4630 Datasheet HTML 35Page - Cirrus Logic CS4630 Datasheet HTML 36Page - Cirrus Logic CS4630 Datasheet HTML 37Page - Cirrus Logic CS4630 Datasheet HTML 38Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 36 / 38 page
background image
CS4630
36
DS445PP1
12.8 Asynchronous Serial Interface and Enhanced General Purpose I/O
ASCLK/EGPIO[3] - Async. Serial Port Clock / Enhanced Gen. Purpose I/O, I/O
Serial Clock that controls the asynchronous serial interface. As ASCLK, this pin can be either
an asynchronous input bit clock or, when the AC ‘97 interface is enabled, can be an output
programmed for a frequency of ABITCLK/4. When not used as an asynchronous port bit clock,
this pin is enhanced general purpose I/O bit 3 (see EGPIO[7, 2:0] for more details).
ASFCLK/EGPIO[4] - Async. Serial Frame Clock / Enhanced Gen. Purpose I/O, I/O
Serial Frame signal that delineates left from right data. As ASFLCK, this pin can be either an
input L/R framing clock that must be synchronous to ASCLK, or when the AC ‘97 interface is
enabled, an output fixed at ASCLK/64. When not used as an asynchronous port framing signal,
this pin is enhanced general purpose I/O bit 4 (see EGPIO[7, 2:0] for more details).
ASDI/EGPIO[5] - Async. Serial Port Data In / Enhanced Gen. Purpose I/O, I/O
When used as ASDI, stereo data is clocked with ASCLK with ASFCLK delineating left from
right. Otherwise, this pin is enhanced general purpose I/O bit 5 (see EGPIO[7, 2:0] for more
details).
ASDO/EGPIO[6] - Async. Serial Port Data Out / Enhanced Gen. Purpose I/O, I/O
When used as ASDO, stereo data is clocked using ASCLK with ASFCLK delineating left from
right. Otherwise, this pin is enhanced general purpose I/O bit 6 (see EGPIO[7, 2:0] for more
details).
EGPIO[7, 2:0] - Extended General Purpose I/O Bits, I/O
These bits along with bits EGPIO[6:3] have extended programmability and can be used for any
application such as modem DAA control. Programmability features include: direction, polarity,
level/edge and sensitive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com