Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS80C400 Datasheet(PDF) 14 Page - Dallas Semiconductor

Part # DS80C400
Description  DS80C400 Network Microcontroller
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS80C400 Datasheet(HTML) 14 Page - Dallas Semiconductor

Back Button DS80C400 Datasheet HTML 10Page - Dallas Semiconductor DS80C400 Datasheet HTML 11Page - Dallas Semiconductor DS80C400 Datasheet HTML 12Page - Dallas Semiconductor DS80C400 Datasheet HTML 13Page - Dallas Semiconductor DS80C400 Datasheet HTML 14Page - Dallas Semiconductor DS80C400 Datasheet HTML 15Page - Dallas Semiconductor DS80C400 Datasheet HTML 16Page - Dallas Semiconductor DS80C400 Datasheet HTML 17Page - Dallas Semiconductor DS80C400 Datasheet HTML 18Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 97 page
background image
DS80C400 Network Microcontroller
14 of 97
MOVX CHARACTERISTICS (NONMULTIPLEXED ADDRESS/DATA BUS) (Note 1)
(VCC3 = 3.0V to 3.6V, VCC1 = 1.8V +±10%, TA = -40°C to +85°C.)
PARAMETER
SYMBOL
MIN
MAX
UNITS
STRETCH
VALUES
CST (MD2:0)
2tCLCL - 5
CST = 0
3tCLCL - 5
1
£ CST £ 3
Input Instruction Float After
PSEN
tPXIZ
11tCLCL - 5
ns
4
£ CST £ 7
PSEN High to Data Address, Port 4 CE,
Port 5 PCE Valid
tPHAV
tCHCL - 3
ns
2tCLCL - 5
CST =0
RD Pulse Width (P3.7 or PSEN)
tRLRH
(4 x CST) tCLCL - 3
ns
1
£ CST £ 7
2tCLCL - 5
CST =0
WR Pulse Width (P3.6)
tWLWH
(4 x CST)tCLCL - 3
ns
1
£ CST £ 7
2tCLCL - 17
CST = 0
RD (P3.7 or PSEN) Low to Valid Data In
tRLDV
(4 x CST)tCLCL - 17
ns
1
£ CST £ 7
Data Hold After
RD (P3.7 or PSEN) High
tRHDX
-2
ns
tCLCL - 5
CST = 0
2tCLCL - 5
1
£ CST £ 3
Data Float After
RD (P3.7 or PSEN) High
tRHDZ
6tCLCL - 5
ns
4
£ CST £ 7
2tCLCL - 3
CST = 0
3tCLCL - 3
1
£ CST £ 3
PSEN High to WR Low
tPHWL
11tCLCL - 3
ns
4
£ CST £ 7
2tCLCL - 3
CST = 0
3tCLCL - 3
1
£ CST £ 3
PSEN High to (RD or PSEN) Low
tPHRL
11tCLCL - 3
ns
4
£ CST £ 7
3tCLCL - 19
CST = 0
(4 x CST + 2)tCLCL- 19
1
£ CST £ 3
Port 7 Address to Valid Data In
tAVDV1
(4 x CST + 10)tCLCL -
19
ns
4
£ CST £ 7
3tCLCL + tCLCH - 19
CST = 0
(4 x CST + 2)tCLCL +
tCLCH - 19
1
£ CST £ 3
Port 2, 4, 6 Address, Port 4 CE or Port 5
PCE to Valid Data In
tAVDV2
(4 x CST + 10)tCLCL +
tCLCH - 19
ns
4
£ CST £ 7
tCLCL - 5
CST = 0
2tCLCL - 5
1
£ CST £ 3
Port 7 Address to (
RD or PSEN) or WR
Low
tAVWL1
10tCLCL - 5
ns
4
£ CST £ 7
tCLCL + tCLCH - 5
CST = 0
2tCLCL + tCLCH - 5
1
£ CST £ 3
Port 2, 4, 6 Address, Port 4 CE or Port 5
PCE to (
RD or PSEN) or WR Low
tAVWL2
10tCLCL + tCLCH - 5
ns
4
£ CST £ 7
Data Valid to
WR Transition
tQVWX
0
ns
tCLCL - 4
CST = 0
2CLCL - 7
1
£ CST £ 3
Data Hold After
WR High
tWHQX
6tCLCL - 7
ns
4
£ CST £ 7
tCHCL - 5
tCHCL + 13
CST = 0
tCLCL + tCHCL - 5
tCLCL + tCHCL +12
1
£ CST £ 3
(
RD or PSEN) or WR High to Port 4 CE
or Port 5 PCE High
tWHCEH
5tCLCL + tCHCL -5
5tCLCL + tCHCL +12
ns
4
£ CST £ 7
Note 1: Specifications to -40°C are guaranteed by design and not production tested.
Note 2: All parameters apply to both commercial and industrial temperature operation unless otherwise noted.
Note 3: CST is the stretch cycle value as determined by the MD2, MD1, and MD0 bits of the CKCON register. tCLCL, tCLCH, tCHCL are time periods
associated with the internal system clock and are related to the external clock. See the System Clock Time Periods table.
Note 4: All signals characterized with load capacitance of 80pF except Port 0, Port 2, ALE,
PSEN, RD, and WR with 100pF. The following
signals, when configured for memory interface, are also characterized with 100pF loading: Port 4 (
CE0-3, A16–A19), Port 5.4–5.7
(
PCE0-3), Port 6.0–6.5 (CE4-7, A20, A2), Port 7 (demultiplexed mode A0–A7).
Note 5: References to the XTAL or CLK signal in timing diagrams is to assist in determining the relative occurrence of events, not for determing
absolute signal timing with respect to the external clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com