Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS80C400 Datasheet(PDF) 49 Page - Dallas Semiconductor

Part # DS80C400
Description  DS80C400 Network Microcontroller
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS80C400 Datasheet(HTML) 49 Page - Dallas Semiconductor

Back Button DS80C400 Datasheet HTML 45Page - Dallas Semiconductor DS80C400 Datasheet HTML 46Page - Dallas Semiconductor DS80C400 Datasheet HTML 47Page - Dallas Semiconductor DS80C400 Datasheet HTML 48Page - Dallas Semiconductor DS80C400 Datasheet HTML 49Page - Dallas Semiconductor DS80C400 Datasheet HTML 50Page - Dallas Semiconductor DS80C400 Datasheet HTML 51Page - Dallas Semiconductor DS80C400 Datasheet HTML 52Page - Dallas Semiconductor DS80C400 Datasheet HTML 53Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 97 page
background image
DS80C400 Network Microcontroller
49 of 97
40-Bit Accumulator
The accelerator also incorporates an automatic accumulator function, permitting the implementation of multiply-
and-accumulate and divide-and-accumulate functions without any additional delay. Each time the accelerator is
used for a multiply or divide operation, the result is transparently added to a 40-bit accumulator. This can greatly
increase speed of DSP and other high-level math operations.
The accumulator can be accessed any time the multiply/accumulate status flag (MCNT1;D2h) is cleared. The
accumulator is initialized by performing five writes to the multiplier C register (MC;D5h), LSB first. The 40-bit
accumulator can be read by performing five reads of the multiplier C register, MSB first.
Ethernet Controller
The DS80C400 incorporates a 10/100Mbps Ethernet controller, which supports the protocol requirements for
operating an Ethernet/IEEE 802.3-compliant PHY device. It provides receive, transmit, and flow control
mechanisms through a media-independent interface (MII), which includes a serial management bus for configuring
external PHY devices. The MII can be configured to operate in half-duplex or full-duplex mode at either 10Mbps or
100Mbps, or can support 10Mbps ENDEC mode operation.
For half-duplex mode operation, the DS80C400 shares the Ethernet physical media with other stations on the
network. The DS80C400 follows the IEEE 802.3 carrier-sense multiple-access with collision detection (CSMA/CD)
method for accessing the physical media. The MAC waits until the physical carrier is idle before attempting a
transmission. Having multiple stations on the network results in the possibility of transmissions from different
stations colliding. When a collision is detected, the MAC waits some number of time slots (according to an internal
back-off timer) before attempting retransmission. Unless instructed otherwise, the MAC automatically attempts to
retransmit collided frames up to 16 times before aborting the transmit frame. As a means of flow control when
receiving data, the MAC uses a back-pressure scheme, transmitting a jamming signal to force collisions on
incoming frames transmitted by other stations. Using this back-pressure scheme gives the DS80C400 control of
the network or time to free up needed receive data buffers.
For full-duplex mode operation, the physical media connects the DS80C400 directly to only one other station,
allowing simultaneous transmit and receive activity between the two without risk of collision. Hence, no media-
access method (i.e., CSMA/CD) needs to be used. For full-duplex operation, the flow control mechanism is the
PAUSE control frame. When needing time to free additional receive data buffers, the DS80C400 can initiate a
PAUSE control frame, requesting that the other station suspend transmission attempts for a specified number of
time slots.
Figure 2. Ethernet Controller Block Diagram
MII MANAGEMENT
BLOCK
<SERIAL
INTERFACE BUS TO
EXTERNAL PHY(s)>
MII I/O BLOCK
(TRANSMIT,
RECEIVE, AND
FLOW CONTROL)
CSR REGISTERS
ADDRESS CHECK
BLOCK
POWER MANAGEMENT
BLOCK
BCU
Tx/Rx BUFFER
MEMORY
(8kB)
EXTERNAL
PHY(s)
DS80C400 ON-CHIP ETHERNET CONTROLLER
DS80C400
CPU
NOTE: WHEN CONNECTING THE DS80C400 TO AN EXTERNAL PHY, DO NOT CONNECT THE
RSTOL TO THE RESET OF THE PHY. DOING SO MAY
DISABLE THE ETHERNET TRANSMIT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com