Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS80C400 Datasheet(PDF) 42 Page - Dallas Semiconductor

Part # DS80C400
Description  DS80C400 Network Microcontroller
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS80C400 Datasheet(HTML) 42 Page - Dallas Semiconductor

Back Button DS80C400 Datasheet HTML 38Page - Dallas Semiconductor DS80C400 Datasheet HTML 39Page - Dallas Semiconductor DS80C400 Datasheet HTML 40Page - Dallas Semiconductor DS80C400 Datasheet HTML 41Page - Dallas Semiconductor DS80C400 Datasheet HTML 42Page - Dallas Semiconductor DS80C400 Datasheet HTML 43Page - Dallas Semiconductor DS80C400 Datasheet HTML 44Page - Dallas Semiconductor DS80C400 Datasheet HTML 45Page - Dallas Semiconductor DS80C400 Datasheet HTML 46Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 97 page
background image
DS80C400 Network Microcontroller
42 of 97
Table 3. Extended Address Generation
P4CNT.5–3
P6.5
P6.4
P4.7
P4.6
P4.5
P4.4
MAX MEMORY ACCESSIBLE
per
CE
000
I/O
I/O
I/O
I/O
I/O
I/O
32kB (Note 1)
001
I/O
I/O
I/O
I/O
I/O
A16
128kB
010
I/O
I/O
I/O
I/O
A17
A16
256kB
011
I/O
I/O
I/O
A18
A17
A16
512kB
100
I/O
I/O
A19
A18
A17
A16
1MB
101
I/O
A20
A19
A18
A17
A16
2MB (Note 2)
110 or 111 (default)
A21
A20
A19
A18
A17
A16
4MB (Note 3)
Table 4. Chip-Enable Generation
PORT 6 PIN FUNCTION
PORT 4 PIN FUNCTION
P6CNT.2–0
P6.3
P6.2
P6.1
P6.0
P4CNT.2–0
P4.3
P4.2
P4.1
P4.0
000 (default)
(Note 2)
I/O
I/O
I/O
I/O
000
I/O
I/O
I/O
I/O
100
I/O
I/O
I/O
CE4
100
I/O
I/O
I/O
CE0
101
I/O
I/O
CE5
CE4
101
I/O
I/O
CE1
CE0
110
I/O
CE6
CE5
CE4
110
I/O
CE2
CE1
CE0
111 (Note 2)
CE7
CE6
CE5
CE4
111 (default)
CE3
CE2
CE1
CE0
Note 1: Only 32kB of memory is accessible per chip enable for the P4CNT.5-3 = 000b setting, which means at least two chip enables are
needed to address the standard 16-bit (0–FFFFh) address range.
Note 2: When the ROM is enabled, the default memory map is reconfigured to 2MB per
CE, P4CNT.5-3 = 101b, and CE4–CE7 are enabled,
P6CNT.2-0 = 111b.
Note 3: The default P4CNT.5-3 = 111b setting (4MB accessible per
CE) requires only four chip enables to access the maximum 24-bit (0–
FFFFFFh) address range.
External Data Memory Addressing
Using a similar implementation as was used to expand program memory access, the DS80C400 allows up to 4MB
of data memory access through four peripheral chip enables (
PCE). The Port 5 control register (P5CNT; A2h) and
Port 6 control register (P6CNT; B2h) designate the number of peripheral chip enables and the maximum amount of
addressable data memory per peripheral chip enable. Table 5 shows which port pins are converted to peripheral
chip enables, along with the maximum memory accessible through each peripheral chip enable for P5CNT, P6CNT
bit settings.
Table 5. Peripheral Chip-Enable Generation
P5CNT.2–0
P5.7
P5.6
P5.5
P5.4
P6CNT.5–3
MAX MEMORY ACSESSIBLE per
PCE
000 (default)
I/O
I/O
I/O
I/O
000 (default)
32kB
100
I/O
I/O
I/O
PCE0
001
128kB
101
I/O
I/O
PCE1
PCE0
010
256kB
110
I/O
PCE2
PCE1
PCE0
011
512kB
111
PCE3
PCE2
PCE1
PCE0
100
1MB
Demultiplexed External Memory Addressing
On power-up or following any reset, the DS80C400 defaults to the traditional 8051 external memory interface, with
the address MSB presented on Port 2 and the address LSB and data multiplexed on Port 0. The multiplexed mode
requires an external latch to demultiplex the address LSB and data. The DS80C400 provides an external pin (
MUX)
that, when pulled high during a power-on reset, demultiplexes the address LSB and data. If demultiplexed mode is
enabled, the address LSB is provided on Port 7 and the data on Port 0. At the expense of consuming Port 7,
demultiplexed mode eliminates the external demultiplexing latch and the delay element associated with the latch. In
some cases, the removal of this timing delay allows use of slower, less expensive external memory devices.
Table 6 shows pin assignments for the multiplexed (traditional 8051) and demultiplexed external addressing
modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com