Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS80C400 Datasheet(PDF) 33 Page - Dallas Semiconductor

Part # DS80C400
Description  DS80C400 Network Microcontroller
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS80C400 Datasheet(HTML) 33 Page - Dallas Semiconductor

Back Button DS80C400 Datasheet HTML 29Page - Dallas Semiconductor DS80C400 Datasheet HTML 30Page - Dallas Semiconductor DS80C400 Datasheet HTML 31Page - Dallas Semiconductor DS80C400 Datasheet HTML 32Page - Dallas Semiconductor DS80C400 Datasheet HTML 33Page - Dallas Semiconductor DS80C400 Datasheet HTML 34Page - Dallas Semiconductor DS80C400 Datasheet HTML 35Page - Dallas Semiconductor DS80C400 Datasheet HTML 36Page - Dallas Semiconductor DS80C400 Datasheet HTML 37Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 97 page
background image
DS80C400 Network Microcontroller
33 of 97
configuration through an SFR interface, manages all Tx/Rx packet activity and status reporting through an on-chip
8kB SRAM. To further reduce host (DS80C400) software intervention, the MAC can be set up to generate a
hardware interrupt following each transmit or receive status report. The DS80C400 MAC can be operated in half-
duplex or full-duplex mode with flow control, and provides multicast/broadcast-address filtering modes as well as
VLAN tag-recognition capability.
The DS80C400 features a full-function CAN 2.0B controller. This controller provides 15 total message centers, 14
of which can be configured as either transmit or receive buffers and one that can serve as a receive double buffer.
The device supports standard 11-bit or 29-extended message identifiers, and offers two separate 8-bit media
masks and media arbitration fields to support the use of higher-level CAN protocols such as DeviceNet and SDS. A
special auto-baud mode allows the CAN controller to quickly determine required bus timing when inserted into a
new network. A SIESTA sleep mode has been made available for times when the CAN controller can be placed
into a power-saving mode.
The DS80C400 has resources that far exceed those normally provided on a standard 8-bit microcontroller. Many
functions, which might exist as peripheral circuits to a microcontroller, have been integrated into the DS80C400.
Some of the integrated functions of the DS80C400 include 16 interrupt sources (six external), four timer/counters, a
programmable watchdog timer, a programmable IrDA output clock, an oscillator-fail detection circuit, and an
internal 2X/4X clock multiplier. This frequency multiplier allows the microcontroller to operate at full speed with a
reduced crystal frequency, reducing EMI.
Advanced power-management support positions the DS80C400 for portable and power-conscious applications.
The low-voltage microcontroller core runs from a 1.8V supply while the I/O remains 5V tolerant, operating from a
3.3V supply. A power-management mode (PMM) allows software to switch from the standard machine cycle rate of
4 clocks per cycle to 1024 clocks per cycle. For example, 40MHz standard operation has a machine cycle rate of
10MHz. In PMM, at the same external clock speed, software can select a 39kHz machine cycle rate, considerably
reducing power consumption. The microcontroller can be configured to automatically switch back from PMM to the
faster mode in response to external interrupts or serial port activity. The DS80C400 provides the ability to place the
CPU into an idle state or an ultra-low-power stop-mode state. As protection against brownout and power-fail
conditions, the microcontroller is capable of issuing an early warning power-fail interrupt and can generate a power-
fail reset.
Defaulting to true 8051-memory compatibility (when the ROM is disabled), the microcontroller is most powerful
when taking advantage of its enhanced memory architecture. The DS80C400 has a selectable 10-bit stack pointer
that can address up to 1kB of on-chip SRAM stack space for increased code efficiency. It can be operated in a 24-
bit paged or 24-bit contiguous address mode, giving access to a much larger address range than the standard 16-
bit address mode. Support for merged program and data memory access allows in-system programming, and it can
be configured to internally demultiplex data and the lowest address byte, thereby eliminating the need for an
external latch and potentially allowing the use of slower memory devices.
80C32 COMPATIBILITY
The DS80C400 is a CMOS 80C32-compatible microcontroller designed for high performance. Every effort has
been made to keep the core device familiar to 80C32 users while adding many enhanced features. The DS80C400
provides the same timer/counter resources, full duplex serial port, 256 Bytes of scratchpad RAM, and I/O ports as
the standard 80C32. Timers default to 12 oscillator clocks per tick operation to keep timing compatible with original
8051 systems. New hardware functions are accessed using special function registers (SFRs) that do not overlap
with standard 80C32 locations. All instructions perform exactly the same functions as their 8051 counterparts. Their
effect on bits, flags, and other status functions is identical. Because the device runs the standard 8051 instruction
set, in general, software written for existing 80C32-based systems work on the DS80C400. The primary exceptions
are related to timing-critical issues, since the high-performance core of the microcontroller executes instructions
much faster than the original, both in absolute and relative number of clocks.
The relative time of two DS80C400 instructions might differ from the traditional 8051. For example, in the original
architecture the “MOVX A, @DPTR” instruction and the “MOV direct, direct” instruction required the same amount
of time: two machine cycles or 24 oscillator cycles. In its default configuration (machine cycle = 4 oscillator cycles),
the DS80C400 executes the “MOVX A, @DPTR” instruction in as little as two machine cycles or 8 oscillator cycles,
but the “MOV direct, direct” uses three machine cycles or 12 oscillator cycles. While both are faster than their
original counterparts, they now have different execution times. Examine the timing of each instruction for familiarity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com