Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L152C8T6 Datasheet(PDF) 52 Page - STMicroelectronics

Part # STM32L152C8T6
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L152C8T6 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button STM32L152C8T6 Datasheet HTML 48Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 49Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 50Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 51Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 52Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 53Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 54Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 55Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 131 page
background image
Electrical characteristics
STM32L151x6/8/B, STM32L152x6/8/B
52/131
DocID17659 Rev 9
6.3
Operating conditions
6.3.1
General operating conditions
Table 12. Thermal characteristics
Symbol
Ratings
Value
Unit
TSTG
Storage temperature range
–65 to +150
°C
TJ
Maximum junction temperature
150
°C
Table 13. General operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
fHCLK
Internal AHB clock frequency
-
0
32
MHz
fPCLK1
Internal APB1 clock frequency
-
0
32
fPCLK2
Internal APB2 clock frequency
-
0
32
VDD
Standard operating voltage
BOR detector disabled
1.65
3.6
V
BOR detector enabled,
at power on
1.8
3.6
BOR detector disabled, after
power on
1.65
3.6
VDDA(1)
Analog operating voltage
(ADC and DAC not used)
Must be the same voltage as
VDD(2)
1.65
3.6
V
Analog operating voltage
(ADC or DAC used)
1.8
3.6
VIN
Input voltage on FT pins(3)
Input voltage on BOOT0 pin
Input voltage on any other pin
2.0 V ≤VDD ≤ 3.6 V
1.65 V ≤ VDD ≤ 2.0 V
–0.3
–0.3
0
–0.3
5.5
5.25
5.5
VDD+0.3
V
PD
Power dissipation at
TA = 85 °C(4)
BGA100 package
-
339
mW
TA
Temperature range
Maximum power dissipation
–40
85
°C
Low power dissipation(5)
–40
105
TJ
Junction temperature range
-40 °C
≤ TA ≤ 105°C
–40
105
°C
1. When the ADC is used, refer to Table 54: ADC characteristics.
2. It is recommended to power VDD and VDDA from the same source. A maximum difference of 300 mV between VDD and
VDDA can be tolerated during power-up and operation.
3. To sustain a voltage higher than VDD+0.3 V, the internal pull-up/pull-down resistors must be disabled.
4. If TA is lower, higher PD values are allowed as long as TJ does not exceed TJ max (see Table 12: Thermal characteristics
on page 52).
5. In low power dissipation state, TA can be extended to this range as long as TJ does not exceed TJ max (see Table 12:
Thermal characteristics on page 52).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com