Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L152C8T6 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STM32L152C8T6
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L152C8T6 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STM32L152C8T6 Datasheet HTML 13Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 14Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 15Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 16Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 17Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 18Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 19Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 20Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 131 page
background image
DocID17659 Rev 9
17/131
STM32L151x6/8/B, STM32L152x6/8/B
Functional overview
47
3.2
ARM Cortex-M3 core with MPU
The ARM Cortex-M3 processor is the industry leading processor for embedded systems. It
has been developed to provide a low-cost platform that meets the needs of MCU
implementation, with a reduced pin count and low-power consumption, while delivering
outstanding computational performance and an advanced system response to interrupts.
The ARM Cortex-M3 32-bit RISC processor features exceptional code-efficiency, delivering
the high-performance expected from an ARM core in the memory size usually associated
with 8- and 16-bit devices.
The memory protection unit (MPU) improves system reliability by defining the memory
attributes (such as read/write access permissions) for different memory regions. It provides
up to eight different regions and an optional predefined background region.
Owing to its embedded ARM core, the STM32L15xxx is compatible with all ARM tools and
software.
DAC
Y
Y
Y
Y
Y
-
-
-
Temperature
sensor
YY
Y
Y
Y
-
-
-
Comparators
Y
Y
Y
Y
Y
Y
-
-
16-bit and 32-bit
Timers
YY
Y
Y
-
-
-
-
IWDG
Y
Y
Y
Y
Y
Y
Y
Y
WWDG
Y
Y
Y
Y
-
-
-
-
Touch sensing
Y
-
-
-
-
-
-
-
Systick Timer
Y
Y
Y
Y
-
-
-
-
GPIOs
Y
Y
Y
Y
Y
Y
-
3 Pins
Wakeup time to
Run mode
0 µs
0.36 µs
3 µs
32 µs
< 8 µs
50 µs
Consumption
VDD=1.8V to 3.6V
(Typ)
Down to
214 µA/MHz
(from Flash)
Down to
50 µA/MHz
(from Flash)
Down to
9 µA
Down to
4.4 µA
0.5 µA (No
RTC) VDD=1.8V
0.3 µA (No RTC)
VDD=1.8V
1.4 µA (with
RTC) VDD=1.8V
1 µA (with RTC)
VDD=1.8V
0.5 µA (No
RTC) VDD=3.0V
0.3 µA (No RTC)
VDD=3.0V
1.6 µA (with
RTC) VDD=3.0V
1.3 µA (with
RTC) VDD=3.0V
1. The startup on communication line wakes the CPU which was made possible by an EXTI, this induces a delay before
entering run mode.
Table 5. Working mode-dependent functionalities (from Run/active down to standby) (continued)
Ips
Run/Active
Sleep
Low-
power
Run
Low-
power
Sleep
Stop
Standby
Wakeup
capability
Wakeup
capability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com