Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L152C8T6 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STM32L152C8T6
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L152C8T6 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STM32L152C8T6 Datasheet HTML 21Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 22Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 23Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 24Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 25Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 26Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 27Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 28Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 131 page
background image
DocID17659 Rev 9
25/131
STM32L151x6/8/B, STM32L152x6/8/B
Functional overview
47
This dual digital Interface supports the following features:
•
two DAC converters: one for each output channel
•
left or right data alignment in 12-bit mode
•
synchronized update capability
•
noise-wave generation
•
triangular-wave generation
•
dual DAC channels’ independent or simultaneous conversions
•
DMA capability for each channel (including the underrun interrupt)
•
external triggers for conversion
•
input reference voltage VREF+
Eight DAC trigger inputs are used in the STM32L15xxx. The DAC channels are triggered
through the timer update outputs that are also connected to different DMA channels.
3.12
Ultralow power comparators and reference voltage
The STM32L15xxx embeds two comparators sharing the same current bias and reference
voltage. The reference voltage can be internal or external (coming from an I/O).
•
one comparator with fixed threshold
•
one comparator with rail-to-rail inputs, fast or slow mode. The threshold can be one of
the following:
–
DAC output
–
External I/O
–
Internal reference voltage (VREFINT) or VREFINT submultiple (1/4, 1/2, 3/4)
Both comparators can wake up from Stop mode, and be combined into a window
comparator.
The internal reference voltage is available externally via a low power / low current output
buffer (driving current capability of 1 µA typical).
3.13
Routing interface
This interface controls the internal routing of I/Os to TIM2, TIM3, TIM4 and to the
comparator and reference voltage output.
3.14
Touch sensing
The STM32L15xxx devices provide a simple solution for adding capacitive sensing
functionality to any application. These devices offer up to 20 capacitive sensing channels
distributed over 10 analog I/O groups. Only software capacitive sensing acquisition mode is
supported.
Capacitive sensing technology is able to detect the presence of a finger near a sensor which
is protected from direct touch by a dielectric (glass, plastic, ...). The capacitive variation
introduced by the finger (or any conductive object) is measured using a proven
implementation based on a surface charge transfer acquisition principle. It consists of
charging the sensor capacitance and then transferring a part of the accumulated charges



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com