Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L152C8T6 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STM32L152C8T6
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L152C8T6 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STM32L152C8T6 Datasheet HTML 5Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 6Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 7Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 8Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 9Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 10Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 11Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 12Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 131 page
background image
DocID17659 Rev 9
9/131
STM32L151x6/8/B, STM32L152x6/8/B
Description
47
2
Description
The ultralow power STM32L15xxx incorporates the connectivity power of the universal
serial bus (USB) with the high-performance ARM Cortex-M3 32-bit RISC core operating at a
32 MHz frequency, a memory protection unit (MPU), high-speed embedded memories
(Flash memory up to 128 Kbytes and RAM up to 16 Kbytes) and an extensive range of
enhanced I/Os and peripherals connected to two APB buses.
All devices offer a 12-bit ADC, 2 DACs and 2 ultralow power comparators, six general-
purpose 16-bit timers and two basic timers, which can be used as time bases.
Moreover, the STM32L15xxx devices contain standard and advanced communication
interfaces: up to two I2Cs and SPIs, three USARTs and a USB. The STM32L15xxx devices
offer up to 20 capacitive sensing channels to simply add touch sensing functionality to any
application.
They also include a real-time clock and a set of backup registers that remain powered in
Standby mode.
Finally, the integrated LCD controller has a built-in LCD voltage generator that allows you to
drive up to 8 multiplexed LCDs with contrast independent of the supply voltage.
The ultralow power STM32L15xxx operates from a 1.8 to 3.6 V power supply (down to
1.65 V at power down) with BOR and from a 1.65 to 3.6 V power supply without BOR option.
It is available in the -40 to +85 °C temperature range, extended to 105°C in low power
dissipation state. A comprehensive set of power-saving modes allows the design of low-
power applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com