Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54C164245 Datasheet(PDF) 8 Page - STMicroelectronics

Part # 54C164245
Description  Rad-hard 16-bit transceiver 3.3 V to 5 V bidirectional level shifter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

54C164245 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button 54C164245 Datasheet HTML 4Page - STMicroelectronics 54C164245 Datasheet HTML 5Page - STMicroelectronics 54C164245 Datasheet HTML 6Page - STMicroelectronics 54C164245 Datasheet HTML 7Page - STMicroelectronics 54C164245 Datasheet HTML 8Page - STMicroelectronics 54C164245 Datasheet HTML 9Page - STMicroelectronics 54C164245 Datasheet HTML 10Page - STMicroelectronics 54C164245 Datasheet HTML 11Page - STMicroelectronics 54C164245 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Electrical characteristics
54AC164245
8/23
DocID18093 Rev 4
3
Electrical characteristics
In Table 6, Top = -55 °C to 125°C, VDD1 = 4.5 V to 5.5 V, VDD2 = 2.7 V to 3.6 V, unless
otherwise specified. Each input/output, as applicable, is tested at the specified temperature,
for the specified limits, to the tests specified in TABLE IA from the SMD 5962-98580 DLA
Agency Spec. Non-designated output terminals are high level logic, low level logic or open,
except for all IDD tests, where the output terminals are open. When performing these tests,
the current meter must be placed in the circuit such that all current flows through the meter.
Table 6. DC specifications
Symbol
Parameter
Port
voltage
Test condition (VDD) (1)
Limits
Unit
Min.
Max.
VT+
Schmitt trigger positive going
threshold port A
3.3 V
VDD1 = 4.5 and 5.5 V
VDD2 = 2.7 and 3.6 V
0.7 VDD2
V
5.0 V
VDD1 = 4.5 and 5.5 V
VDD2 = 4.5 and 5.5 V
Schmitt trigger positive going
threshold port B
3.3 V
VDD2 = 2.7 and 3.6 V
VDD1 = 2.7 and 3.6 V
0.7 VDD1
5.0 V
VDD1 = 4.5 and 5.5 V
VDD2 = 2.7 and 3.6 V
VT-
Schmitt trigger positive going
threshold port A
3.3 V
VDD1 = 4.5 and 5.5 V
VDD2 = 2.7 and 3.6 V
0.3 VDD2
5.0 V
VDD1 = 4.5 and 5.5 V
VDD2 = 4.5 and 5.5 V
Schmitt trigger positive going
threshold port B
3.3 V
VDD1 = 2.7 and 3.6 V
VDD2 = 2.7 and 3.6 V
0.3 VDD1
5.0 V
VDD1 = 4.5 and 5.5 V
VDD2 = 2.7 and 3.6 V
VH
Schmitt trigger range of
hysteresis port A
3.3 V
VDD1 = 4.5 and 5.5 V
VDD2 = 2.7 and 3.6 V
0.4
5.0 V
VDD1 = 4.5 and 5.5 V
VDD2 = 4.5 and 5.5 V
0.6
Schmitt trigger range of
hysteresis port B
3.3 V
VDD1 = 2.7 and 3.6 V
VDD2 = 2.7 and 3.6 V
0.4
5.0 V
VDD1 = 4.5 and 5.5 V
VDD2 = 2.7 and 3.6 V
0.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com