Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54C164245 Datasheet(PDF) 9 Page - STMicroelectronics

Part # 54C164245
Description  Rad-hard 16-bit transceiver 3.3 V to 5 V bidirectional level shifter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

54C164245 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button 54C164245 Datasheet HTML 5Page - STMicroelectronics 54C164245 Datasheet HTML 6Page - STMicroelectronics 54C164245 Datasheet HTML 7Page - STMicroelectronics 54C164245 Datasheet HTML 8Page - STMicroelectronics 54C164245 Datasheet HTML 9Page - STMicroelectronics 54C164245 Datasheet HTML 10Page - STMicroelectronics 54C164245 Datasheet HTML 11Page - STMicroelectronics 54C164245 Datasheet HTML 12Page - STMicroelectronics 54C164245 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
DocID18093 Rev 4
9/23
54AC164245
Electrical characteristics
23
IIH
Input current high port A (for
input under test VI = VDD2 other
inputs, VI = VDD2 or VSS)
3.3 V
VDD1 = 5.5 V
VDD2 = 3.6 V
3
µA
5.0 V
VDD1 = 5.5 V
VDD2 = 5.5 V
Input current high port B (for
input under test VI = VDD1 other
inputs, VI = VDD1 or VSS)
3.3 V
VDD1 = 3.6 V
VDD2 = 3.6 V
5.0 V
VDD1 = 5.5 V
VDD2 = 3.6 V
IIL
Input current low port A (for
input under test VI =VSS other
inputs, VI = VDD2 or VSS
3.3 V
VDD1 = 5.5 V
VDD2 = 3.6 V
-1
5 V
VDD1 = 5.5 V
VDD2 = 5.5 V
Input current low port B (for
input under test VI =VSS other
inputs, VI = VDD1 or VSS
3.3 V
VDD1 = 3.6 V
VDD2 = 3.6 V
5 V
VDD1 = 5.5 V
VDD2 = 3.6 V
ICS
Input current cold spare mode
port A = port B = 5.5 V = VI
DIRn = 5.5 V, OEn = 5.5 V
VDD1 = 0 V
-1
5
Input current cold spare mode
port A = port B = 5.5 V = VI
DIRn = 0V, OEn = 5.5 V
VDD1 = 0 V
Input current cold spare mode
port A = port B = 5.5 V = VI
DIRn = 5.5 V, OEn = 0 V
VDD1 = 0 V
Input current cold spare mode
port A = port B = 5.5 V = VI
DIRn = 0 V, OEn = 0 V
VDD1 = 0 V
VOL1
Low level output voltage port A,
IOL = 8 mA for all inputs
affecting output under test,
VI = VDD2 or VSS
3.3 V
VDD1 = 4.5 V
VDD2 = 2.7 V
0.5
V
5 V
VDD1 = 4.5 V
VDD2 = 4.5 V
0.4
Low level output voltage port B,
IOL = 8 mA for all inputs
affecting output under test,
VI = VDD1 or VSS
3.3 V
VDD1 = 2.7 V
VDD2 = 2.7 V
0.5
5 V
VDD1 = 4.5 V
VDD2 = 2.7 V
0.4
Table 6. DC specifications (continued)
Symbol
Parameter
Port
voltage
Test condition (VDD) (1)
Limits
Unit
Min.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com