Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54C164245 Datasheet(PDF) 14 Page - STMicroelectronics

Part # 54C164245
Description  Rad-hard 16-bit transceiver 3.3 V to 5 V bidirectional level shifter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

54C164245 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button 54C164245 Datasheet HTML 10Page - STMicroelectronics 54C164245 Datasheet HTML 11Page - STMicroelectronics 54C164245 Datasheet HTML 12Page - STMicroelectronics 54C164245 Datasheet HTML 13Page - STMicroelectronics 54C164245 Datasheet HTML 14Page - STMicroelectronics 54C164245 Datasheet HTML 15Page - STMicroelectronics 54C164245 Datasheet HTML 16Page - STMicroelectronics 54C164245 Datasheet HTML 17Page - STMicroelectronics 54C164245 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
Electrical characteristics
54AC164245
14/23
DocID18093 Rev 4
tPZL (1)
Propagation delay time,
output enable, DIRn to bus
(active low), CL = 50 pF
Port A = 3.3 V
Port B = 5 V
VDD1 = 4.5 to 5.5 V
VDD2 = 2.7 to 3.3 V
1.0
18
ns
Propagation delay time,
output enable, DIRn to bus
(active low), CL= 50 pF
Port A = Port B = 3.3 V
VDD1 = 2.7 to 3.3 V
VDD2 = 2.7 to 3.3 V
Port A = Port B = 5 V
VDD1 = 4.5 to 5.5 V
VDD2 = 4.5 to 5.5 V
12
tPZH (1)
Propagation delay time,
output enable, DIRn to bus
(active high), CL = 50 pF
Port A = 3.3 V
Port B = 5 V
VDD1 = 4.5 to 5.5 V
VDD2 = 2.7 to 3.3 V
18
Propagation delay time,
output enable, DIRn to bus
(active high), CL= 50 pF
Port A = Port B = 3.3 V
VDD1 = 2.7 to 3.3 V
VDD2 = 2.7 to 3.3 V
Port A = Port B = 5 V
VDD1 = 4.5 to 5.5 V
VDD2 = 4.5 to 5.5 V
12
tPLZ (1)
Propagation delay time,
output disable, DIRn to bus
(low impedance), CL =50 pF
Port A = 3.3 V
Port B = 5 V
VDD1 = 4.5 to 5.5 V
VDD2 = 2.7 to 3.3 V
20
Propagation delay time,
output disable, DIRn to bus
(low impedance), CL= 50 pF
Port A = Port B = 3.3 V
VDD1 = 2.7 to 3.3 V
VDD2 = 2.7 to 3.3 V
Port A = Port B = 5 V
VDD1 = 4.5 to 5.5 V
VDD2 = 4.5 to 5.5 V
15
tPHZ (1)
Propagation delay time,
output disable, DIRn to bus
(high impedance), CL = 50 pF
Port A = 3.3 V
Port B = 5.0 V
VDD1 = 4.5 to 5.5 V
VDD2 = 2.7 to 3.3 V
20
Propagation delay time,
output disable, DIRn to bus
(high impedance), CL= 50 pF
Port A = Port B = 3.3 V
VDD1 = 2.7 to 3.3 V
VDD2 = 2.7 to 3.3 V
Port A = Port B = 5 V
VDD1 = 4.5 to 5.5 V
VDD2 = 4.5 to 5.5 V
15
Table 7. AC electrical characteristics (continued)
Symbol
Parameter
Port voltage
Test condition (VDD)
Limits
Unit
Min. Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com