Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54C164245 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 54C164245
Description  Rad-hard 16-bit transceiver 3.3 V to 5 V bidirectional level shifter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

54C164245 Datasheet(HTML) 1 Page - STMicroelectronics

  54C164245 Datasheet HTML 1Page - STMicroelectronics 54C164245 Datasheet HTML 2Page - STMicroelectronics 54C164245 Datasheet HTML 3Page - STMicroelectronics 54C164245 Datasheet HTML 4Page - STMicroelectronics 54C164245 Datasheet HTML 5Page - STMicroelectronics 54C164245 Datasheet HTML 6Page - STMicroelectronics 54C164245 Datasheet HTML 7Page - STMicroelectronics 54C164245 Datasheet HTML 8Page - STMicroelectronics 54C164245 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
This is information on a product in full production.
April 2014
DocID18093 Rev 4
1/23
54AC164245
Rad-hard 16-bit transceiver 3.3 V to 5 V bidirectional level shifter
Datasheet
- production data
Features
• Fully compatible with 54ACS164245
• Dual supply bidirectional level shifter
• Extended voltage range from 2.3 V to 5.5 V
• Separated enable pin for 3-state output
• Schmidt-triggered I/Os: 100 mV hysteresis
• Internal 26 Ω limiting resistor on each I/O
• High speed: Tpd = 8 ns maximum
• Fail safe
• Cold spare
• Hermetic package
• 100 krad (Si) at any Mil1019 dose rate
• SEL immune to 110MeV.cm2/mg LET ions
• RHA QML-V qualified
Description
The 54AC164245 is a rad-hard advanced high-
speed CMOS, Schmitt trigger 16-bit bidirectional
multi-purpose transceiver with 3-state outputs and
cold sparing.
Designed for use as an interface between a 5 V
bus and a 3.3 V bus in mixed 5 V/3.3 V supply
systems, it achieves high-speed operation while
maintaining the CMOS low-power dissipation.
All pins have cold spare buffers to change them to
high impedance when VDD is tied to ground.
This IC is intended for two-way asynchronous
communication between the data buses. The
direction of the data transmission is determined
by the nDIR inputs.
The A port interfaces with the 3.3 V bus but can
also operate at 2.3 V. The B port operates with the
5 V bus.
Ceramic Flat-48
The upper metallic lid is not electrically connected to
any pins, nor to the IC die inside the package
Table 1. Device summary
Order codes
SMD pin
Quality level Package Lead finish Mass
EPPL Temp. range
RHFAC164245K1
-
Engineering
model
Flat-48
Gold
1.50 g
-
-55 °C to
125 °C
RHRAC164245K01V 5962R9858008VYC QML-V flight
Yes
www.st.com


Similar Part No. - 54C164245

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
54C62701200 SUMIDA-54C62701200 Datasheet
1Mb / 8P
HR-Serie SMT Chipinduktivit채ten
54C627012T0 SUMIDA-54C627012T0 Datasheet
1Mb / 8P
HR-Serie SMT Chipinduktivit채ten
54C62701400 SUMIDA-54C62701400 Datasheet
1Mb / 8P
HR-Serie SMT Chipinduktivit채ten
54C627014T0 SUMIDA-54C627014T0 Datasheet
1Mb / 8P
HR-Serie SMT Chipinduktivit채ten
54C62702200 SUMIDA-54C62702200 Datasheet
1Mb / 8P
HR-Serie SMT Chipinduktivit채ten
More results

Similar Description - 54C164245

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVC164245 TI-SN74ALVC164245 Datasheet
489Kb / 20P
16-BIT 3.3-V TO 5-V LEVEL SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC4245A TI-SN74LVC4245A Datasheet
215Kb / 13P
OCTAL BUS TRANSCEIVER AND 3.3-V TO 5-V SHIFTER WITH 3-STATE OUTPUTS
SN74ALVC164245DGGT TI-SN74ALVC164245DGGT Datasheet
328Kb / 15P
16-BIT 2.5-V 3.3-V 3.3V TO 5-V LEVEL-SHIFTING TRANSCEIVER
SN74ALVC164245 TI-SN74ALVC164245_07 Datasheet
625Kb / 22P
16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245 TI-SN74ALVC164245_08 Datasheet
655Kb / 22P
16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC4245A TI-SN74LVC4245A_08 Datasheet
404Kb / 15P
OCTAL BUS TRANSCEIVER AND 3.3-V TO 5-V SHIFTER WITH 3-STATE OUTPUTS
SN74ALVC164245-EP TI1-SN74ALVC164245-EP Datasheet
387Kb / 19P
16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
logo
STMicroelectronics
54AC164245 STMICROELECTRONICS-54AC164245 Datasheet
285Kb / 22P
Rad-hard 16-bit transceiver, 3.3 V to 5 V bidirectional level shifter
06-Apr-2012
logo
Texas Instruments
SN74ALVC164245 TI1-SN74ALVC164245_14 Datasheet
1Mb / 23P
16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
logo
STMicroelectronics
54VCXH163245 STMICROELECTRONICS-54VCXH163245 Datasheet
1Mb / 19P
Rad-hard 16-bit transceiver, 1.8 V to 3.3 V bidirectional level shifter
14-Sep-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com