Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP800NSS33 Datasheet(PDF) 1 Page - Dynex Semiconductor

Part # GP800NSS33
Description  Single Switch IGBT Module Preliminary Information
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

GP800NSS33 Datasheet(HTML) 1 Page - Dynex Semiconductor

  GP800NSS33 Datasheet HTML 1Page - Dynex Semiconductor GP800NSS33 Datasheet HTML 2Page - Dynex Semiconductor GP800NSS33 Datasheet HTML 3Page - Dynex Semiconductor GP800NSS33 Datasheet HTML 4Page - Dynex Semiconductor GP800NSS33 Datasheet HTML 5Page - Dynex Semiconductor GP800NSS33 Datasheet HTML 6Page - Dynex Semiconductor GP800NSS33 Datasheet HTML 7Page - Dynex Semiconductor GP800NSS33 Datasheet HTML 8Page - Dynex Semiconductor GP800NSS33 Datasheet HTML 9Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
GP800NSS33
Caution: This device is sensitive to electrostatic discharge. Users should follow ESD handling procedures.
1/9
www.dynexsemi.com
FEATURES
s
Non Punch Through Silicon
s
Isolated Copper Baseplate with AL
2O3 Substrate
s
Low Inductance Internal Construction
APPLICATIONS
s
High Power Inverters
s
Motor Controllers
s
Induction Heating
s
Resonant Converters
The Powerline range of high power modules includes dual,
half bridge and single switch configurations covering voltages
from 600V to 3300V and currents up to 4800A.
The GP800NSS33 is a single switch 3300V, n channel
enhancement mode, insulated gate bipolar transistor (IGBT)
module. The IGBT has a wide reverse bias safe operating area
(RBSOA) ensuring reliability in demanding applications.
The module incorporates an electrically isolated base plate
and low inductance construction enabling circuit designers to
optimise circuit layouts and utilise earthed heat sinks for safety.
ORDERING INFORMATION
Order As:
GP800NSS33
Note: When ordering, please use the whole part number.
KEY PARAMETERS
V
CES
3300V
V
CE(sat)
(typ)
3.6V
I
C
(max)
800A
I
C(PK)
(max)
1600A
GP800NSS33
Single Switch IGBT Module
Preliminary Information
Replaces February 2000 version, DS5358-2.0
DS5358-2.1 March 2001
Fig. 1 Single switch circuit diagram
Fig. 2 Electrical connections - (not to scale)
Outline type code: N
(See package details for further information)
C1
E1
C2
E2
G
E2
C1
E2 - Aux Emitter
C1 - Aux Collector
C2
C1
Aux C
G
Aux E
E1
E2
External connection
External connection


Similar Part No. - GP800NSS33

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
GP800NSM33 DYNEX-GP800NSM33 Datasheet
93Kb / 9P
Hi-Reliability Single Switch IGBT Module Preliminary Information
More results

Similar Description - GP800NSS33

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DIM1200ESM33-A000 DYNEX-DIM1200ESM33-A000 Datasheet
194Kb / 10P
Single Switch IGBT Module Preliminary Information
DIM400GDM33-A000 DYNEX-DIM400GDM33-A000 Datasheet
162Kb / 10P
Dual Switch IGBT Module Preliminary Information
DIM800DDM12 DYNEX-DIM800DDM12 Datasheet
171Kb / 10P
Dual Switch IGBT Module Preliminary Information
DIM800FSM17-A000 DYNEX-DIM800FSM17-A000 Datasheet
144Kb / 10P
Single Switch IGBT Module Preliminary Information
DIM800NSM33-A000 DYNEX-DIM800NSM33-A000 Datasheet
174Kb / 10P
Single Switch IGBT Module Preliminary Information
GP200MKS12 DYNEX-GP200MKS12 Datasheet
126Kb / 10P
IGBT Chopper Module Preliminary Information
GP2400ESM12 DYNEX-GP2400ESM12 Datasheet
169Kb / 12P
Powerline N-Channel Single Switch IGBT Module Preliminary Information
GP400DDS18 DYNEX-GP400DDS18 Datasheet
155Kb / 11P
Dual Switch IGBT Module Preliminary Information
GP800FSS12 DYNEX-GP800FSS12 Datasheet
89Kb / 11P
Powerline N-Channel Single Switch IGBT Module Preliminary Information
GP800NSM33 DYNEX-GP800NSM33 Datasheet
93Kb / 9P
Hi-Reliability Single Switch IGBT Module Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com