Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP800NSS33 Datasheet(PDF) 5 Page - Dynex Semiconductor

Part # GP800NSS33
Description  Single Switch IGBT Module Preliminary Information
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

GP800NSS33 Datasheet(HTML) 5 Page - Dynex Semiconductor

  GP800NSS33 Datasheet HTML 1Page - Dynex Semiconductor GP800NSS33 Datasheet HTML 2Page - Dynex Semiconductor GP800NSS33 Datasheet HTML 3Page - Dynex Semiconductor GP800NSS33 Datasheet HTML 4Page - Dynex Semiconductor GP800NSS33 Datasheet HTML 5Page - Dynex Semiconductor GP800NSS33 Datasheet HTML 6Page - Dynex Semiconductor GP800NSS33 Datasheet HTML 7Page - Dynex Semiconductor GP800NSS33 Datasheet HTML 8Page - Dynex Semiconductor GP800NSS33 Datasheet HTML 9Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
GP800NSS33
Caution: This device is sensitive to electrostatic discharge. Users should follow ESD handling procedures.
5/9
www.dynexsemi.com
TYPICAL CHARACTERISTICS
Fig.3 Typical output characteristics
Fig.4 Typical output characteristics
Fig.5 Diode typical forward characteristics
Fig.6 Reverse bias safe operating area
0
200
400
600
1200
1400
1600
0
1.0
2.0
3.0
4.0
5.0
6.0
Collector-emitter voltage, Vce - (V)
Vge = 20/15/12/10V
Common emitter
Tcase = 25˚C
1000
800
0
200
400
600
1200
1400
1600
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
Collector-emitter voltage, Vce - (V)
Vge = 20/15/12/10V
Common emitter
Tcase = 125˚C
1000
800
0
1000
1200
1400
400
200
600
800
1600
1.0
1.5
2.0
2.5
3.0
3.5
Foward voltage, VF - (V)
Tj = 125˚C
Tj = 25˚C
0
600
800
200
400
1000
1200
1400
1600
1800
0
500
1000
1500
2000
2500
3000
3500
Collector-emitter voltage, Vce - (V)
Tcase = 125˚C
Vge = ±15V
Rg(ON) = 3.3Ω
Rg(OFF) = 6.8Ω
CGE = 440nF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com