Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL2227CS Datasheet(PDF) 6 Page - Elantec Semiconductor

Part # EL2227CS
Description  Dual Very Low Noise Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2227CS Datasheet(HTML) 6 Page - Elantec Semiconductor

Back Button EL2227CS Datasheet HTML 2Page - Elantec Semiconductor EL2227CS Datasheet HTML 3Page - Elantec Semiconductor EL2227CS Datasheet HTML 4Page - Elantec Semiconductor EL2227CS Datasheet HTML 5Page - Elantec Semiconductor EL2227CS Datasheet HTML 6Page - Elantec Semiconductor EL2227CS Datasheet HTML 7Page - Elantec Semiconductor EL2227CS Datasheet HTML 8Page - Elantec Semiconductor EL2227CS Datasheet HTML 9Page - Elantec Semiconductor EL2227CS Datasheet HTML 10Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
EL2227C
Dual Very Low Noise Amplifier
Typical Performance Curves
Peaking vs Supply Voltage
4
3.5
3
2.5
2
1.5
1
0.5
0
2
4
8
Supply Voltage (±V)
12
6
10
AV=+2
RF=620Ω
RL=500Ω
AV=-1
AV=-2
AV=+2
AV=+10
AV=-10
AV=-5
AV=+5
100ns/div
0.5V/div
Large Signal Step Response
VS=±2.5V
Large Signal Step Response
VS=±12V
100ns/div
0.5V/div
RF=620Ω
AV=2
RL=500Ω
RF=620Ω
AV=2
RL=500Ω
Small Signal Step Response
VS=±12V
RF=620Ω
AV=2
RL=500Ω
100ns/div
20mV/div
3dB Bandwidth vs Supply Voltage
140
120
100
80
60
40
20
0
2
4
8
Supply Voltage (±V)
12
6
10
AV=+2
RF=620Ω
RL=500Ω
AV=-1
AV=+2
AV=-2
100ns/div
20mV/div
Small Signal Step Response
VS=±2.5V
RF=620Ω
AV=2
RL=500Ω
AV=+5
AV=-5
AV=-10
AV=+10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com