Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL2227CS Datasheet(PDF) 1 Page - Elantec Semiconductor

Part # EL2227CS
Description  Dual Very Low Noise Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2227CS Datasheet(HTML) 1 Page - Elantec Semiconductor

  EL2227CS Datasheet HTML 1Page - Elantec Semiconductor EL2227CS Datasheet HTML 2Page - Elantec Semiconductor EL2227CS Datasheet HTML 3Page - Elantec Semiconductor EL2227CS Datasheet HTML 4Page - Elantec Semiconductor EL2227CS Datasheet HTML 5Page - Elantec Semiconductor EL2227CS Datasheet HTML 6Page - Elantec Semiconductor EL2227CS Datasheet HTML 7Page - Elantec Semiconductor EL2227CS Datasheet HTML 8Page - Elantec Semiconductor EL2227CS Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Note: All information contained in this data sheet has been carefully checked and is believed to be accurate as of the date of publication; however, this data sheet cannot be a “controlled document”. Current revisions, if any, to these
specifications are maintained at the factory and are available upon your request. We recommend checking the revision level before finalization of your design documentation.
© 2001 Elantec Semiconductor, Inc.
General Description
The EL2227C is a dual, low-noise amplifier, ideally suited to line
receiving applications in ADSL and HDSLII designs. With low noise
specification of just 1.9nV/
√Hz and 1.2pA/√Hz, the EL2227C is per-
fect for the detection of very low amplitude signals.
The EL2227C features a -3dB bandwidth of 115MHz and is gain-of-2
stable. The EL2227C also affords minimal power dissipation with a
supply current of just 4.8mA per amplifier. The amplifier can be pow-
ered from supplies ranging from ±2.5V to ±12V.
The EL2227C is available in a space-saving 8-pin MSOP package as
well as the industry-standard 8-pin SO. It can operate over the -40°C
to +85°C temperature range.
Connection Diagram
1
2
3
4
8
7
6
5
-
+
-
+
VS-
VS+
VINA+
VINA-
VOUTA
VOUTB
VINB-
VINB+
EL2227C
(8-Pin SO and 8-Pin MSOP)
Features
• Voltage noise of only 1.9nV/
√Hz
• Current noise of only 1.2pA/
√Hz
• Bandwidth (-3dB) of 115MHz
@AV = +2
• Gain-of-2 stable
• Just 4.8mA per amplifier
• 8-pin MSOP package
• ±2.5V to ±12V operation
Applications
• ADSL receivers
• HDSLII receivers
• Ultrasound input amplifiers
• Wideband instrumentation
• Communications equipment
• AGC & PLL active filters
• Wideband sensors
Ordering Information
Part No.
Package
Tape & Reel
Outline #
EL2227CY
8-Pin MSOP
-
MDP0043
EL2227CY-T13
8-Pin MSOP
13”
MDP0043
EL2227CY-T7
8-Pin MSOP
7”
MDP0043
EL2227CS
8-Pin SO
-
MDP0027
EL2227CS-T13
8-Pin SO
13”
MDP0027
EL2227CS-T7
8-Pin SO
7”
MDP0027
EL2227C
Dual Very Low Noise Amplifier


Similar Part No. - EL2227CS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2227CS INTERSIL-EL2227CS Datasheet
294Kb / 14P
Dual Very Low Noise Amplifier
May 1, 2007
EL2227CS INTERSIL-EL2227CS Datasheet
441Kb / 14P
Dual, Very Low Noise Amplifier
September 14 ,2010
logo
Renesas Technology Corp
EL2227CS RENESAS-EL2227CS Datasheet
740Kb / 14P
Dual, Very Low Noise Amplifier
logo
Intersil Corporation
EL2227CS-T13 INTERSIL-EL2227CS-T13 Datasheet
294Kb / 14P
Dual Very Low Noise Amplifier
May 1, 2007
EL2227CS-T7 INTERSIL-EL2227CS-T7 Datasheet
294Kb / 14P
Dual Very Low Noise Amplifier
May 1, 2007
More results

Similar Description - EL2227CS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP-270 AD-OP-270 Datasheet
601Kb / 16P
DUAL VERY LOW NOISE PRECISION OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TDA3420 STMICROELECTRONICS-TDA3420 Datasheet
171Kb / 5P
DUAL VERY LOW NOISE PREAMPLIFIER
Jun-1988
logo
Analog Devices
OP270 AD-OP270 Datasheet
525Kb / 16P
Dual Very Low Noise Precision Operational Amplifier
4/03-Data Sheet changed from REV. B to REV. C.
logo
Intersil Corporation
EL2227 INTERSIL-EL2227_07 Datasheet
294Kb / 14P
Dual Very Low Noise Amplifier
May 1, 2007
EL2227 INTERSIL-EL2227 Datasheet
441Kb / 14P
Dual, Very Low Noise Amplifier
September 14 ,2010
logo
Analog Devices
OP270GPZ AD-OP270GPZ Datasheet
425Kb / 20P
Dual Very Low Noise Precision Operational Amplifier
Rev. E
logo
AVAGO TECHNOLOGIES LIMI...
MGA-12516 AVAGO-MGA-12516 Datasheet
637Kb / 16P
High Gain, Matched-Pair Dual, Very Low Noise Amplifier
logo
Analog Devices
OP270 AD-OP270_17 Datasheet
383Kb / 21P
Dual Very Low Noise Precision Operational Amplifier
10/15-Rev. E to Rev. F
logo
Renesas Technology Corp
EL2227 RENESAS-EL2227 Datasheet
740Kb / 14P
Dual, Very Low Noise Amplifier
logo
Broadcom Corporation.
MGA-12516 BOARDCOM-MGA-12516 Datasheet
637Kb / 16P
High Gain, Matched-Pair Dual, Very Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com