Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL2227CS Datasheet(PDF) 7 Page - Elantec Semiconductor

Part # EL2227CS
Description  Dual Very Low Noise Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2227CS Datasheet(HTML) 7 Page - Elantec Semiconductor

Back Button EL2227CS Datasheet HTML 3Page - Elantec Semiconductor EL2227CS Datasheet HTML 4Page - Elantec Semiconductor EL2227CS Datasheet HTML 5Page - Elantec Semiconductor EL2227CS Datasheet HTML 6Page - Elantec Semiconductor EL2227CS Datasheet HTML 7Page - Elantec Semiconductor EL2227CS Datasheet HTML 8Page - Elantec Semiconductor EL2227CS Datasheet HTML 9Page - Elantec Semiconductor EL2227CS Datasheet HTML 10Page - Elantec Semiconductor EL2227CS Datasheet HTML 11Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
EL2227C
Dual Very Low Noise Amplifier
Typical Performance Curves
Differential Gain/Phase vs DC Input Voltage at
3.58MHz
0.1
0.08
0.06
0.04
0.02
0
-0.02
-1
0
DC Input Voltage (V)
dG
1
Supply Current vs Supply Voltage
Closed Loop Output Impedance vs Frequency
-0.5
0.5
AV=2
RF=620Ω
RL=150Ω
fO=3.58MHz
dP
100
10
1
0.1
0.01
10k
1M
Frequency (Hz)
100M
100k
10M
CMRR
110
90
70
50
30
10
10
10k
Frequency (Hz)
1M
100M
100
1k
100k
10M
VS=±12
12
6
0
6
12
0
1.2/div
1.2/div
Supply Voltage (±V)
Group Delay vs Frequency
10
8
6
4
2
0
-2
-4
-6
-8
-10
1M
10M
Frequency (Hz)
AV=5V
AV=2V
100M
VS=±12V
RF=620Ω
RL=500Ω
PIN=-20dBm into 50Ω
PSRR
0
60
80
100
1k
1M
Frequency (Hz)
10M
100M
10k
40
20
100k
VS-
VS+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com