Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL2227CS Datasheet(PDF) 9 Page - Elantec Semiconductor

Part # EL2227CS
Description  Dual Very Low Noise Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2227CS Datasheet(HTML) 9 Page - Elantec Semiconductor

Back Button EL2227CS Datasheet HTML 5Page - Elantec Semiconductor EL2227CS Datasheet HTML 6Page - Elantec Semiconductor EL2227CS Datasheet HTML 7Page - Elantec Semiconductor EL2227CS Datasheet HTML 8Page - Elantec Semiconductor EL2227CS Datasheet HTML 9Page - Elantec Semiconductor EL2227CS Datasheet HTML 10Page - Elantec Semiconductor EL2227CS Datasheet HTML 11Page - Elantec Semiconductor EL2227CS Datasheet HTML 12Page - Elantec Semiconductor EL2227CS Datasheet HTML 13Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
EL2227C
Dual Very Low Noise Amplifier
Typical Performance Curves
-3dB Bandwidth vs Temperature
150
140
120
110
100
90
80
0
100
Die Temperature (°C)
130
40
-20
-40
20
80
140
60
120
Supply Current vs Temperature
10
9
8.5
-50
50
Die Temperature (°C)
100
150
0
9.5
VOS vs Temperature
2
0
-2
-4
-50
0
Die Temperature (°C)
150
50
Input Bias Current vs Temperature
-2
-4
-5
-6
-50
50
Die Temperature (°C)
100
150
0
-3
100
Slew Rate vs Temperature
55
53
51
49
47
45
-50
Die Temperature (°C)
50
150
0
100
Settling Time vs Accuracy
160
140
100
60
20
0
0.01
Accuracy (%)
1
0.1
120
80
40
VS=±12V
VO=2VPP
VS=±12V
VO=5VPP
VS=±2.5V
VO=2VPP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com