Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5444CS Datasheet(PDF) 6 Page - Elantec Semiconductor

Part # EL5444CS
Description  100 MHz Single Supply Rail to Rail Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL5444CS Datasheet(HTML) 6 Page - Elantec Semiconductor

Back Button EL5444CS Datasheet HTML 2Page - Elantec Semiconductor EL5444CS Datasheet HTML 3Page - Elantec Semiconductor EL5444CS Datasheet HTML 4Page - Elantec Semiconductor EL5444CS Datasheet HTML 5Page - Elantec Semiconductor EL5444CS Datasheet HTML 6Page - Elantec Semiconductor EL5444CS Datasheet HTML 7Page - Elantec Semiconductor EL5444CS Datasheet HTML 8Page - Elantec Semiconductor EL5444CS Datasheet HTML 9Page - Elantec Semiconductor EL5444CS Datasheet HTML 10Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
EL5144C, EL5146C, EL5244C, EL5246C,
EL5444C
100 MHz Single Supply Rail to Rail Amplifier
Output Voltage Swing vs. Frequency for THD < 1%
RF = 1KΩ, AV = +2
1M
10M
100M
FREQUENCY (Hz)
21
0
1
2
3
4
5
RL = 500Ω to 2.5V
RL = 150Ω to 2.5V
Output Voltage Swing vs. Frequency for THD < 0.1%
RF = 1KΩ, AV = +2
1M
10M
100M
FREQUENCY (Hz)
22
0
1
2
3
4
5
RL = 500Ω to 2.5V
RL = 150Ω to 2.5V
10K
100K
1M
10M
100M
0.2
200
20
2
Closed Loop Output Impedance vs. Frequency
RF = 0, AV = +1
FREQUENCY (Hz)
26
PSRR and CMRR vs. Frequency
FREQUENCY (Hz)
28
-80
-60
-40
-20
0
+20
1K
10K
100K
1M
10M
100M
CMRR
-PSRR
+PSRR
Offset Voltage vs. Die Temperature
(6 Typical Samples)
DIE TEMPERATURE (°C)
39
-12
-6
0
6
12
-55
-15
25
65
145
105
145
1
10
100
1K
10
1K
100K
10M
10K
Voltage Noise vs. Frequency
FREQUENCY (Hz)
65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com