Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5444CS Datasheet(PDF) 9 Page - Elantec Semiconductor

Part # EL5444CS
Description  100 MHz Single Supply Rail to Rail Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL5444CS Datasheet(HTML) 9 Page - Elantec Semiconductor

Back Button EL5444CS Datasheet HTML 5Page - Elantec Semiconductor EL5444CS Datasheet HTML 6Page - Elantec Semiconductor EL5444CS Datasheet HTML 7Page - Elantec Semiconductor EL5444CS Datasheet HTML 8Page - Elantec Semiconductor EL5444CS Datasheet HTML 9Page - Elantec Semiconductor EL5444CS Datasheet HTML 10Page - Elantec Semiconductor EL5444CS Datasheet HTML 11Page - Elantec Semiconductor EL5444CS Datasheet HTML 12Page - Elantec Semiconductor EL5444CS Datasheet HTML 13Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
EL5144C, EL5146C, EL5244C, EL5246C,
EL5444C
100 MHz Single Supply Rail to Rail Amplifier
2nd and 3rd Harmonic Distortion vs. Frequency
VOUT = 0.25V to 2.25V, RL = 100Ω to 0V
1M
10M
100M
-75
-65
-55
-45
-35
-25
FREQUENCY (Hz)
5
2nd and 3rd Harmonic Distortion vs.Frequency
VOUT = 0.5V to 2.5V, RL = 100Ω to 0V
1M
10M
100M
-75
-65
-55
-45
-35
-25
FREQUENCY (Hz)
6
HD3
HD2
HD3
HD2
2nd and 3rd Harmonic Distortion vs. Frequency
VOUT = 1V to 3V, RL = 100Ω to 0V
1M
10M
100M
FREQUENCY (Hz)
7
-75
-65
-55
-45
-35
-25
HD3
HD2
0.5
2.0
3.5
Differential Gain for RL Tied to 2.5V
RF = 1KΩ, AV = +2
VOUT (V)
31
-0.2
-0.1
0
+0.1
+0.2
RL = 150Ω
RL = 10KΩ
0.5
2.0
3.5
Differential Phase for RL Tied to 2.5V
RF = 1KΩ, AV = +2
VOUT (V)
33
-0.2
-0.1
0
+0.1
+0.2
RL = 150Ω
RL = 10KΩ
Channel to Channel Crosstalk- Duals and Quads
(Worst Channel)
FREQUENCY (Hz)
27
100K
1M
10M
100M
-100
-80
-60
-40
-20
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com