Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5444CS Datasheet(PDF) 2 Page - Elantec Semiconductor

Part # EL5444CS
Description  100 MHz Single Supply Rail to Rail Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL5444CS Datasheet(HTML) 2 Page - Elantec Semiconductor

  EL5444CS Datasheet HTML 1Page - Elantec Semiconductor EL5444CS Datasheet HTML 2Page - Elantec Semiconductor EL5444CS Datasheet HTML 3Page - Elantec Semiconductor EL5444CS Datasheet HTML 4Page - Elantec Semiconductor EL5444CS Datasheet HTML 5Page - Elantec Semiconductor EL5444CS Datasheet HTML 6Page - Elantec Semiconductor EL5444CS Datasheet HTML 7Page - Elantec Semiconductor EL5444CS Datasheet HTML 8Page - Elantec Semiconductor EL5444CS Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
EL5144C, EL5146C, EL5244C, EL5246C,
EL5444C
100 MHz Single Supply Rail to Rail Amplifier
Absolute Maximum Ratings (T
A = 25 °C)
Values beyond absolute maximum ratings can cause the device to be pre-
maturely damaged. Absolute maximum ratings are stress ratings only and
functional device operation is not implied.
Supply Voltage between VS and GND
+6V
Maximum Continuous Output Current
50mA
Power Dissipation
See Curves
Pin Voltages
GND - 0.5V to VS +0.5V
Storage Temperature
-65°C to +150°C
Operating Temperature
-40°C to +85°C
Lead Temperature
260°C
Important Note:
All parameters having Min/Max specifications are guaranteed. Typ values are for information purposes only. Unless otherwise noted, all tests are at the specified
temperature and are pulsed tests, therefore: TJ = TC = TA.
Electrical Characteristics
VS=+5V, GND=0V, TA=25°C, CE = +2V, unless otherwise specified.
Parameter
Description
Conditions
Min
Typ
Max
Units
AC Performance
dG
Differential Gain Error
[1]
G=2, RL=150Ω to 2.5V, RF=1KΩ
0.1
%
dP
Differential Phase Error [1]
G=2, RL=150Ω to 2.5V, RF=1KΩ
0.1
deg
BW
Bandwidth
-3dB, G=1, RL=10kΩ, RF=0
100
MHz
-3dB, G=1, RL=150Ω, RF=0
60
MHz
BW1
Bandwidth
±0.1dB, G=1, RL=150Ω to GND, RF=0
8
MHz
GBWP
Gain Bandwidth Product
60
MHz
SR
Slew Rate
G=1, RL=150Ω to GND, RF=0, VO=0.5V to
3.5V
150
200
V/µs
ts
Settling Time
to 0.1%, VOUT = 0 to 3V
35
ns
DC Performance
AVOL
Open Loop Voltage Gain
RL=no load, VOUT=0.5V to 3V
54
65
dB
RL=150Ω to GND, VOUT=0.5V to 3V
40
50
dB
VOS
Offset Voltage
VCM=1V, SOT23-5 and MSOP packages
25
mV
VCM=1V, All other packages
15
mV
TCVOS
Input Offset Voltage Temperature Coefficient
10
µV/OC
IB
Input Bias Current
VCM=0V & 3.5V
2
100
nA
Input Characteristics
CMIR
Common Mode Input Range
CMRR
≥ 47dB
0
3.5
V
CMRR
Common Mode Rejection Ratio
DC, VCM = 0 to 3.0V
50
60
dB
DC, VCM = 0 to 3.5V
47
60
dB
RIN
Input Resistance
1.5
G
Ω
CIN
Input Capacitance
1.5
pF
Output Characteristics
VOP
Positive Output Voltage Swing
RL=150Ω to 2.5V
[2]
4.70
4.85
V
RL=150Ω to GND
[2]
4.20
4.65
V
RL=1KΩ to 2.5V
[2]
4.95
4.97
V
VON
Negative Output Voltage Swing
RL=150Ω to 2.5V
[2]
0.15
0.30
V
RL=150Ω to GND
[2]
0V
RL=1K to 2.5V
[2]
0.03
0.05
V
+IOUT
Positive Output Current
RL=10Ω to 2.5V
60
90
120
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com