Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5444CS Datasheet(PDF) 1 Page - Elantec Semiconductor

Part # EL5444CS
Description  100 MHz Single Supply Rail to Rail Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL5444CS Datasheet(HTML) 1 Page - Elantec Semiconductor

  EL5444CS Datasheet HTML 1Page - Elantec Semiconductor EL5444CS Datasheet HTML 2Page - Elantec Semiconductor EL5444CS Datasheet HTML 3Page - Elantec Semiconductor EL5444CS Datasheet HTML 4Page - Elantec Semiconductor EL5444CS Datasheet HTML 5Page - Elantec Semiconductor EL5444CS Datasheet HTML 6Page - Elantec Semiconductor EL5444CS Datasheet HTML 7Page - Elantec Semiconductor EL5444CS Datasheet HTML 8Page - Elantec Semiconductor EL5444CS Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
© 1998 Elantec, Inc.
General Description
The EL5144C series amplifiers are voltage feedback, high speed, rail
to rail amplifiers designed to operate on a single +5V supply. They
offer unity gain stability with an unloaded –3dB bandwidth of 100
MHz. The input common mode voltage range extends from the nega-
tive rail to within 1.5V of the positive rail. Driving a 75
Ω double
terminated coaxial cable, the EL5144C series amplifiers drive to
within 150 mV of either rail. The 200 V/
µsec slew rate and 0.1% / 0.1°
differential gain / differential phase makes these parts ideal for com-
posite and component video applications. With its voltage feedback
architecture, this amplifier can accept reactive feedback networks,
allowing them to be used in analog filtering applications These ampli-
fiers will source 90 mA and sink 65 mA.
The EL5146C and EL5246C have a power-savings disable feature.
Applying a standard TTL low logic level to the CE (Chip Enable) pin
reduces the supply current to 2.6
µA within 10 nsec. Turn on time is
500 nsec, allowing true break-before-make conditions for multiplex-
ing applications. Allowing the CE pin to float or applying a high logic
level will enable the amplifier.
For applications where board space is critical, singles are offered in a
SOT23-5 package, duals in MSOP-8 and MSOP-10 packages, and
quads in a QSOP-16 package. Singles, duals and quads are also avail-
able in industry standard pinouts in SOIC and PDIP packages. All
parts operate over the industrial temperature range of -40
°C to +85°C.
OUT
GND
VS
IN-
IN+
SOT23-5
1
2
3
5
4
EL5144C
Dual and Quad Amplifier Pin Configurations on Page 12
Pin Configurations
1
2
3
4
8
7
6
5
-
+
IN-
IN+
GND
NC
OUT
VS
NC
CE
SOIC-8, PDIP-8
EL5146C
Features
• Rail to Rail Output Swing
• -3 dB Bandwidth = 100 MHz
• Single Supply +5V operation
• Power Down to 2.6 µA
• Large Input Common Mode Range
0V < VCM < 3.5 V
• Diff Gain/Phase = 0.1%/0.1°
• Low Power 35mW per amplifier
• Space Saving SOT23-5, MSOP-
8&10, & QSOP-16 packaging
Applications
• Video Amplifier
• 5 Volt Analog Signal Processing
• Multiplexer
• Line Driver
• Portable Computers
• High Speed Communications
• Sample & Hold Amplifier
•Comparator
Ordering Information
Part No
Temp. Range
Package
Outline #
EL5144CW
-40°C to +85°C
5 Pin SOT23
MDP0038
EL5146CN
-40°C to +85°C
8 Pin PDIP
MDP0031
EL5146CS
-40°C to +85°C
8 Pin SOIC
MDP0027
EL5244CN
-40°C to +85°C
8 Pin PDIP
MDP0031
EL5244CS
-40°C to +85°C
8 Pin SOIC
MDP0027
EL5244CY
-40°C to +85°C
8 Pin MSOP
MDP0043
EL5246CN
-40°C to +85°C
14 Pin PDIP
MDP0031
EL5246CS
-40°C to +85°C
14 Pin SOIC
MDP0027
EL5246CY
-40°C to +85°C
10 Pin MSOP
MDP0043
EL5444CN
-40°C to +85°C
14 Pin PDIP
MDP0031
EL5444CS
-40°C to +85°C
14 Pin SOIC
MDP0027
EL5444CU
-40°C to +85°C
16 Pin QSOP
MDP0040
0V
5V
EL5144C, EL5146C, EL5244C,
EL5246C, EL5444C
100 MHz Single Supply Rail to Rail Amplifier


Similar Part No. - EL5444CS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5444CS INTERSIL-EL5444CS Datasheet
499Kb / 19P
100MHz Single-Supply Rail-to-Rail Amplifiers
April 13, 2005
logo
Renesas Technology Corp
EL5444CS RENESAS-EL5444CS Datasheet
1Mb / 24P
100MHz Single-Supply Rail-to-Rail Amplifiers
logo
Intersil Corporation
EL5444CS-T13 INTERSIL-EL5444CS-T13 Datasheet
499Kb / 19P
100MHz Single-Supply Rail-to-Rail Amplifiers
April 13, 2005
logo
Renesas Technology Corp
EL5444CS-T13 RENESAS-EL5444CS-T13 Datasheet
1Mb / 24P
100MHz Single-Supply Rail-to-Rail Amplifiers
logo
Intersil Corporation
EL5444CS-T7 INTERSIL-EL5444CS-T7 Datasheet
499Kb / 19P
100MHz Single-Supply Rail-to-Rail Amplifiers
April 13, 2005
More results

Similar Description - EL5444CS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD623 AD-AD623 Datasheet
965Kb / 16P
Single Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
REV.C
logo
Burr-Brown (TI)
INA156 BURR-BROWN-INA156 Datasheet
114Kb / 10P
Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
INA155 BURR-BROWN-INA155 Datasheet
140Kb / 11P
Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
logo
New Japan Radio
NJM8202 NJRC-NJM8202 Datasheet
336Kb / 10P
Single Supply, Rail-to-Rail Output Dual Operational Amplifier
logo
Analog Devices
AD623AN AD-AD623AN Datasheet
1Mb / 24P
Single-Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
REV. D
logo
Texas Instruments
OPA4350-DIE TI1-OPA4350-DIE Datasheet
129Kb / 5P
HIGH-SPEED, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIER
LMH6612MA TI1-LMH6612MA Datasheet
1Mb / 32P
Single Supply 345 MHz Rail-to-Rail Output Amplifiers
OPA2340TDF1 TI-OPA2340TDF1 Datasheet
80Kb / 5P
SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIER MicroAmplifier
LMH6611 TI1-LMH6611 Datasheet
2Mb / 42P
Single Supply 345 MHz Rail-to-Rail Output Amplifiers
LMH6612 TI1-LMH6612 Datasheet
2Mb / 42P
Single Supply 345 MHz Rail-to-Rail Output Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com