Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI7635DP Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SI7635DP
Description  P-Channel 20-V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7635DP Datasheet(HTML) 5 Page - Vishay Siliconix

  SI7635DP Datasheet HTML 1Page - Vishay Siliconix SI7635DP Datasheet HTML 2Page - Vishay Siliconix SI7635DP Datasheet HTML 3Page - Vishay Siliconix SI7635DP Datasheet HTML 4Page - Vishay Siliconix SI7635DP Datasheet HTML 5Page - Vishay Siliconix SI7635DP Datasheet HTML 6Page - Vishay Siliconix SI7635DP Datasheet HTML 7Page - Vishay Siliconix SI7635DP Datasheet HTML 8Page - Vishay Siliconix SI7635DP Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Document Number: 65021
S11-1141-Rev. B, 13-Jun-11
www.vishay.com
5
Vishay Siliconix
Si7635DP
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
* The power dissipation PD is based on TJ(max) = 150 °C, using junction-to-case thermal resistance, and is more useful in settling the upper
dissipation limit for cases where additional heatsinking is used. It is used to determine the current rating, when this rating falls below the package
limit.
Current Derating*
0
20
40
60
80
100
0
25
50
75
100
125
150
Package Limited
TC - Case Temperature (°C)
Power, Junction-to-Case
0
15
30
45
60
75
0
25
50
75
100
125
150
TC - Case Temperature (°C)
Power, Junction-to-Ambient
0.0
0.5
1.0
1.5
2.0
2.5
0
25
50
75
100
125
150
TA -Ambient Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com