Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM73880 Datasheet(PDF) 22 Page - ELAN Microelectronics Corp

Part # EM73880
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73880 Datasheet(HTML) 22 Page - ELAN Microelectronics Corp

Back Button EM73880 Datasheet HTML 18Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 19Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 20Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 21Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 22Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 23Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 24Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 25Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 26Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
22
* This specification are subject to be changed without notice.
EM73880
EM73880
EM73880
EM73880
EM73880
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
11.30.2001
Preliminary
Preliminary
Preliminary
Preliminary
Preliminary
MELODY (SOUND EFFECT) CONTROL
MELODY (SOUND EFFECT) CONTROL
MELODY (SOUND EFFECT) CONTROL
MELODY (SOUND EFFECT) CONTROL
MELODY (SOUND EFFECT) CONTROL
One channel melody/sound effect output, controlled by port 23, 24, 17, and 30.
There is a built-in sound effect. It includes the tone generator and random generator. The tone generator is a
binary down counter and the random generator is a 9-bit liner feedback shift register.
÷2
÷2
CLK/8
f1
f2x2
P23,P24
PWM ckt.
P30
Output
control
Tone
generator
Random
generator
4 kinds
of divider
f2
Sound effect command register (P30)
There are 4 kinds of basic frequency for sound generator which can be selected by P30. The output of sound
effect is tone and random combination.
Port30
3
2
1
0
BFREQ
SMODE
Initial value : 0000
BFREQ Basic frequency (f1) select
SMODE
Sound generator mode
0
0
CLK/4
0
0
Disable
0
1
CLK/8
0
1
Tone output
1
0
CLK/16
1
0
Random output
1
1
CLK/32
1
1
Tone+random output
(CLK=4.6MHz)
Tone frequency register (P23, P24)
The 8-bit tone frequency register is P24 and P23. The tone frequency will be changed when user output
the different data to P23. Thus, the data must be output to P24 before P23 when users want to change the
8-bit tone frequency (TF).
Port24
Port23
3
2
1
0
3
2
1
0
Initial value : 1111 1111
Higher nibble register
Lower nibble register
** f1=CLK/2X, f2=f1/(TF+1)/2, TF=1~255, TF
≠≠≠≠≠0
** Example : CLK=4.6 MHz, BFREQ=11, TF=00110001B.
⇒ f1=143.75K Hz, f2=143.75K Hz/50/2=1430 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com