Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM73880 Datasheet(PDF) 5 Page - ELAN Microelectronics Corp

Part # EM73880
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73880 Datasheet(HTML) 5 Page - ELAN Microelectronics Corp

  EM73880 Datasheet HTML 1Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 2Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 3Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 4Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 5Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 6Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 7Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 8Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
5
* This specification are subject to be changed without notice.
EM73880
EM73880
EM73880
EM73880
EM73880
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
11.30.2001
Preliminary
Preliminary
Preliminary
Preliminary
Preliminary
LCD display RAM:
RAM address from 20h ~ 3Fh are the LCD display RAM area, the RAM data of this region can't be operated
by instruction LDHL xx and EXHL.
ZERO- PAGE:
From 00h to 0Fh is the location of zero-page . It is used as the pointer in zero -page addressing mode for the
instruction of "STD #k,y; ADD #k,y; CLR y,b; CMP k,y".
PROGRAM EXAMPLE: To wirte immediate data "07h" to address "03h" of RAM and to clear bit 2 of RAM.
STD #07h, 03h ; RAM[03]
← 07h
CLR 0Eh,2 ; RAM[0Eh]
2 ← 0
STACK:
There are 13 - level (maximum) stack for user using for subroutine (including interrupt and CALL). User
can assign any level be the starting stack by giving the level number to stack pointer (SP).
When user using any instruction of CALL or subroutine, before entry the subroutine, the previous PC address
will be saved into stack until return from those subroutines ,the PC value will be restored by the data saved
in stack.
DATA AREA:
Except the special area used by user, the whole RAM can be used as data area for storing and loading general
data.
ADDRESSING MODE
(1) Indirect addressing mode:
Indirect addressing mode indicates the RAM address by specified HL register.
For example: LDAM ; Acc
← RAM[HL]
STAM ; RAM[HL]
← Acc
(2) Direct addressing mode:
Direct addressing mode indicates the RAM address by immediate data.
level 0
level 4
level 8
level C
level 1
level 5
level 9
level 2
level 6
level A
level 3
level 7
level B
B0h ~ BFh
C0h ~ CFh
D0h ~ DFh
E0h ~ EFh
F0h ~ F3h
Address
00h~0Fh
10h~1Fh
20h~2Fh
30h~3Fh
40h~4Fh
:
zero page
LCD display RAM
Increment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com