Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM73880 Datasheet(PDF) 18 Page - ELAN Microelectronics Corp

Part # EM73880
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73880 Datasheet(HTML) 18 Page - ELAN Microelectronics Corp

Back Button EM73880 Datasheet HTML 14Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 15Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 16Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 17Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 18Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 19Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 20Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 21Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 22Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
18
* This specification are subject to be changed without notice.
EM73880
EM73880
EM73880
EM73880
EM73880
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
11.30.2001
Preliminary
Preliminary
Preliminary
Preliminary
Preliminary
For the pulse width measurement mode, the counter only incresed by the rising edge of internal pulse rate as
external timer/counter input (P8.1/TRGB, P8.3/TRGA), interrupt request will be generated as soon as
timer/counter count overflow.
Internal pulse
TimerB(TimerA) value
n
n+1
n+2
n+3
n+4
n+5
P8.1/TRGB(P8.3/TRGA)
PROGRAM EXAMPLE : Enable timerA by pulse width measurement mode .
LDIA #1100b;
OUTA P28; Enable timerA with pulse width measurement mode.
HIGH SPEED TIMER/COUNTER
HIGH SPEED TIMER/COUNTER
HIGH SPEED TIMER/COUNTER
HIGH SPEED TIMER/COUNTER
HIGH SPEED TIMER/COUNTER
8-bit high speed timer/counter (HTC) supports three special functions : auto load timer, melody output
and pulse width measurement modes. The HTC is available for the NORMAL and SLOW operation mode.
The HTC can be set initial value and send counter value to counter registers (P11 and P10), P31 is the
command port for HTC, user can choose different operation mode and different internal clockrate by setting
the port. The timer/counter increase one at the rising edge of internal pulse. The HTC can generate an overflow
interrupt (HTCI) when it overflows.
P31 is the command register of the 8-bit high speed timer/counter.
P31
3
210
Initial value : 0000
HTMS
HIPS
HTMS
Mode selection
HIPS
Clock rate selection
NORMAL mode
SLOW mode
0 0
Stop
0 0
LXIN/20 Hz
LXIN/20 Hz
0 1
Event counter mode
0 1
LXIN/22 Hz
LXIN/22 Hz
1 0
Auto load timer mode
1 0
CLK/24 Hz
Reserved
1 1
Pulse width measurement mode
1 1
CLK/26 Hz
Reserved
* CLK=4.6MHz
P11 and P10 are the counter registers of the 8-bit high speed timer/counter. P10 is the lower nibble register
and P11 is the higher nibble register. (HT is the value of counter registers.)
P11
3
210
P10
3
210
Initial value : 0000 0000 (HT)
Higher nibble register
Lower nibble register
P31(3,2)
P4.1/TRGH
8-bit binary counter
P31(1,0)
P11
÷2
P10
XIN
Input data
Data bus
Reload
Overflow
HTCI interrupt
Timer/counter B
FHTC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com