Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM73880 Datasheet(PDF) 24 Page - ELAN Microelectronics Corp

Part # EM73880
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73880 Datasheet(HTML) 24 Page - ELAN Microelectronics Corp

Back Button EM73880 Datasheet HTML 20Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 21Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 22Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 23Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 24Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 25Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 26Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 27Page - ELAN Microelectronics Corp EM73880 Datasheet HTML 28Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
24
* This specification are subject to be changed without notice.
EM73880
EM73880
EM73880
EM73880
EM73880
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
11.30.2001
Preliminary
Preliminary
Preliminary
Preliminary
Preliminary
LCD DRIVER
LCD DRIVER
LCD DRIVER
LCD DRIVER
LCD DRIVER
EM73880 can directly drive the liquid crystal display (LCD) and has 32 segment, 4 common output pins (1/
2 bias, 1/3 bias). There are total 32x4 dots can be display. The V1, V2, V3, VA, VB, VDD and VSS pins are
the LCD bias generator.
CONTROL OF LCD DRIVER
CONTROL OF LCD DRIVER
CONTROL OF LCD DRIVER
CONTROL OF LCD DRIVER
CONTROL OF LCD DRIVER
The LCD driver control command register is P27. When LDC is 0, the LCD is disabled, and user could change
Duty in this situation only the COM and SEG pins are VSS. When LDC is 1, the LCD driver enables.
When the CPU is reseted or during the STOP operation mode, the LCD driver is disabled.
Port27
3
2
1
0
Initial value : 0000
LDC
DUTY
LDC
LCD display control
DUTY
Driving method select
0
LCD display disable and change Duty 0 0 0
1/4 duty (1/3 bias)
1
LCD display enable
0 0 1
1/4 duty (1/2 bias)
0 1 0
1/3 duty (1/3 bias)
0 1 1
1/3 duty (1/2 bias)
1 0 0
1/2 duty (1/2 bias)
1 0 1
Static
1 1 *
Reserved
P21 is the control port of watch-dog-timer, and the WDT time up signal is connected to RESET.
Port 21
3210
Initial value :0000
CWC
*
*
WDT
CWC
Clear watchdog timer counter
0
Clear counter then return to 1
1
Nothing
WDT
Set watch-dog-timer detect time
03 x 213/LXIN = 3 x 213/32K Hz = 0.75 sec
17 x 213/LXIN = 7 x 213/32K Hz = 1.75 sec
PROGRAM EXAMPLE
To enable WDT with 7 x 213/LXIN detection time.
LDIA #0001B
OUTA P21; set WDT detection time and clear WDT counter
:
:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com