| Electronic Components Datasheet Search |
|
EM78P458AM Datasheet(PDF) 42 Page - ELAN Microelectronics Corp |
|
|
|||||||||||||||||||||||||||||
EM78P458AM Datasheet(HTML) 42 Page - ELAN Microelectronics Corp |
|
42 / 76 page ![]() EM78P458/459 OTP ROM • P57 must be defined as an output if implemented as the comparator output. • Fig. 17 shows the comparator output block diagram. Q Q EN EN D D To C0 To CPIF To CMPOUT CMRD CMRD From other comparator RESET From OP I/O Fig. 17 The Output Configuration of a Comparator 3. Using as An Operation Amplifier The comparator can be used as an operation amplifier if a feedback resistor is connected from the input to the output externally. In this case, the Schmitt trigger can be disabled for power saving by setting CE to 1 and COE to 0. 4. Interrupt • CMPIE (IOCF0.6) must be enabled. • Interrupt occurs at the rising edge of the comparator output pin. • The actual change on the pin can be determined by reading the Bit CMPOUT, R3<7>. • CMPIF (RF.6), the comparator interrupt flag, can only be cleared by software. 5. Wake-up from SLEEP Mode • If enabled, the comparator remains active and the interrupt remains functional, even under SLEEP mode. • If a mismatch occurs, the interrupt will wake up the device from SLEEP mode. • The power consumption should be taken into consideration for the benefit of energy conservation. • If the function is unemployed during SLEEP mode, turn off comparator before entering into sleep mode. This specification is subject to change without prior notice. 06.25.2004 (V1.4) 42 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |