Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM78P458AM Datasheet(PDF) 11 Page - ELAN Microelectronics Corp

Part # EM78P458AM
Description  8-BIT MICRO-CONTROLLER
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P458AM Datasheet(HTML) 11 Page - ELAN Microelectronics Corp

Back Button EM78P458AM Datasheet HTML 7Page - ELAN Microelectronics Corp EM78P458AM Datasheet HTML 8Page - ELAN Microelectronics Corp EM78P458AM Datasheet HTML 9Page - ELAN Microelectronics Corp EM78P458AM Datasheet HTML 10Page - ELAN Microelectronics Corp EM78P458AM Datasheet HTML 11Page - ELAN Microelectronics Corp EM78P458AM Datasheet HTML 12Page - ELAN Microelectronics Corp EM78P458AM Datasheet HTML 13Page - ELAN Microelectronics Corp EM78P458AM Datasheet HTML 14Page - ELAN Microelectronics Corp EM78P458AM Datasheet HTML 15Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 76 page
background image
EM78P458/459
OTP ROM
4. R3 (Status Register)
7
6
5
4
3
2
1
0
CMPOUT
PS1
PS0
T
P
Z
DC
C
• Bit 7 (CMPOUT) the result of the comparator output.
• Bit 6 (PS1) ~ 5 (PS0) Page select bits. PS0~PS1 are used to select a program memory page. When
executing a "JMP", "CALL", or other instructions which cause the program counter to be changed
(e.g. MOV R2, A), PS0~PS1 are loaded into the 11th and 12th bits of the program counter where it
selects one of the available program memory pages. Note that RET (RETL, RETI) instruction does
not change the PS0~PS1 bits. That is, the return will always be to the page from the place where the
subroutine was called, regardless of the current setting of PS0~PS1 bits.
PS1
PS0
Program memory page [Address]
0
0
Page 0 [000-3FF]
0
1
Page 1 [400-7FF]
1
0
Page 2 [800-BFF]
1
1
Page 3 [C00-FFF]
• Bit 4 (T) Time-out bit. Set to 1 by the "SLEP" and "WDTC" commands, or during Power on and reset
to 0 by WDT time-out.
• Bit 3 (P) Power-down bit. Set to 1 during power-on or by a "WDTC" command and reset to 0 by a
"SLEP" command.
• Bit 2 (Z) Zero flag. Set to "1" if the result of an arithmetic or logic operation is zero.
• Bit 1 (DC) Auxiliary carry flag
• Bit 0 (C) Carry flag
5. R4 (RAM Select Register)
• Bit 7 is a general-purpose read/write bit.
• Bit 6 is used to select bank 0 or bank 1.
• Bits 0~5 are used to select registers (address: 00~3F) in the indirect address mode.
6. R5 ~ R6 (Port 5 ~ Port 6)
• R5 and R6 are I/O registers.
7. R7 ~ R8
• All of these are 8-bit general-purpose registers.
8. R9 (ADCON: Analog to Digital Control)
7
6
5
4
3
2
1
0
-
-
IOCS
ADRUN
ADPD
ADIS2
ADIS1
ADIS0
• Bit 7:Bit 6 Unemployed, read as ‘0’;
• Bit 5(IOCS): Select the Segment of IO control register.
This specification is subject to change without prior notice.
06.25.2004 (V1.4)
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com