Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM78P458AM Datasheet(PDF) 56 Page - ELAN Microelectronics Corp

Part # EM78P458AM
Description  8-BIT MICRO-CONTROLLER
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P458AM Datasheet(HTML) 56 Page - ELAN Microelectronics Corp

Back Button EM78P458AM Datasheet HTML 52Page - ELAN Microelectronics Corp EM78P458AM Datasheet HTML 53Page - ELAN Microelectronics Corp EM78P458AM Datasheet HTML 54Page - ELAN Microelectronics Corp EM78P458AM Datasheet HTML 55Page - ELAN Microelectronics Corp EM78P458AM Datasheet HTML 56Page - ELAN Microelectronics Corp EM78P458AM Datasheet HTML 57Page - ELAN Microelectronics Corp EM78P458AM Datasheet HTML 58Page - ELAN Microelectronics Corp EM78P458AM Datasheet HTML 59Page - ELAN Microelectronics Corp EM78P458AM Datasheet HTML 60Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 76 page
background image
EM78P458/459
OTP ROM
6. ELECTRICAL CHARACTERISTICS
6.1 DC Electrical Characteristic(Ta=0°C ~ 70 °C, VDD=5.0V±5%, VSS=0V)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
XTAL: VDD to 3V
DC
8
MHz
XTAL: VDD to 5V
Two cycle with two clocks
DC
20
MHz
Fxt
RC: VDD to 5V
R: 5.1K
Ω, C: 100pF
F
±30%
760
F
±30%
KHz
IIL
Input Leakage Current for input pins
VIN = VDD, VSS
±1
µA
VIH1
Input High Voltage,VDD=5V
Ports 5, 6
2.0
V
VIL1
Input Low Voltage,VDD=5V
Ports 5, 6
0.8
V
VIHT1
Input High Threshold Voltage,VDD=5V
/RESET, TCC
2.0
V
VILT1
Input Low Threshold Voltage,VDD=5V
/RESET, TCC
0.8
V
VIHX1
Clock Input High Voltage,VDD=5V
OSCI
2.5
V
VILX1
Clock Input Low Voltage,VDD=5V
OSCI
1.0
V
VIH2
Input High Voltage,VDD=3V
Ports 5, 6
1.5
V
VIL2
Input Low Voltage,VDD=3V
Ports 5, 6
0.4
V
VIHT2
Input High Threshold Voltage,VDD=3V
/RESET, TCC
1.5
V
VILT2
Input Low Threshold Voltage,VDD=3V
/RESET, TCC
0.4
V
VIHX2
Clock Input High Voltage,VDD=3V
OSCI
1.5
V
VILX2
Clock Input Low Voltage,VDD=3V
OSCI
0.6
V
VOH1
Output High Voltage
(Ports 5, 6)
IOH = -12.0 mA
2.4
V
VOL1
Output Low Voltage (P51~P57, P60~P63,
P66~P67)
IOL = 12.0 mA
0.4
V
VOL2
Output Low Voltage (P64,P65)
IOL = 16.0 mA
0.4
V
IPH
Pull-high current
Pull-high active, input pin at
VSS
-50
-100
-240
µA
IPD
Pull-down current
Pull-down active, input pin at
VDD
25
50
120
µA
ISB
Power down current
All input and I/O pins at VDD,
output pin floating, WDT
enabled
10
µA
ISB
Power down current
All input and I/O pins at VDD,
output pin floating, WDT
disabled
1
µA
ICC1
Operating supply current (VDD=3V) at two
clocks
/RESET='High',Fosc=32KHz
(Crystal type, two clocks),
output pin floating, WDT
disabled
15
30
µA
ICC2
Operating supply current (VDD=3V) at two
clocks
/RESET=‘High',Fosc=32KHz
(Crystal type, two clocks),
output pin floating, WDT
enabled
19
35
µA
ICC3
Operating supply current (VDD=5.0V) at
two clocks
/RESET='High', Fosc=2MHz
(Crystal type, two clocks),
output pin floating
2
mA
ICC4
Operating supply current (VDD=5.0V) at
two clocks
/RESET='High', Fosc=4MHz
(Crystal type, two clocks),
output pin floating
4.0
mA
This specification is subject to change without prior notice.
06.25.2004 (V1.4)
56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com