| Electronic Components Datasheet Search |
|
EM78P458AM Datasheet(PDF) 16 Page - ELAN Microelectronics Corp |
|
|
|||||||||||||||||||||||||||||
EM78P458AM Datasheet(HTML) 16 Page - ELAN Microelectronics Corp |
|
16 / 76 page ![]() EM78P458/459 OTP ROM 011 A A A A D D D D 100 A A A A A D D D 101 A A A A A A D D 110 A A A A A A A D 111 A A A A A A A A • Bit 1: Bit 0 (CKR1: CKR0): The prescaler of oscillator clock rate of ADC 00 = 1: 4 (default value); 01 = 1: 16; 10 = 1: 64; 11 = The oscillator clock source of ADC is from WDT ring oscillator frequency. ( frequency=256/18ms≒14.2Khz) 6. IOCB0 (Pull-down Control Register) 7 6 5 4 3 2 1 0 /PD7 /PD6 /PD5 /PD4 /PD3 /PD2 /PD1 /PD0 • Bit 7 (/PD7) Control bit is used to enable the pull-down of the P67 pin. 0: Enable internal pull-down; 1: Disable internal pull-down. • Bit 6 (/PD6) Control bit is used to enable the pull-down of the P66 pin. • Bit 5 (/PD5) Control bit is used to enable the pull-down of the P65 pin. • Bit 4 (/PD4) Control bit is used to enable the pull-down of the P64 pin. • Bit 3 (/PD3) Control bit is used to enable the pull-down of the P63 pin. • Bit 2 (/PD2) Control bit is used to enable the pull-down of the P62 pin. • Bit 1 (/PD1) Control bit is used to enable the pull-down of the P61 pin. • Bit 0 (/PD0) Control bit is used to enable the pull-down of the P60 pin. • IOCB0 register is both readable and writable. 7. IOCC0 (Open-Drain Control Register) 7 6 5 4 3 2 1 0 /OD7 /OD6 /OD5 /OD4 /OD3 /OD2 /OD1 /OD0 • Bit 7 (OD7) Control bit used to enable the open-drain of the P57 pin. 0: Enable open-drain output 1: Disable open-drain output • Bit 6 (OD6) Control bit is used to enable the open-drain of the P54 pin. • Bit 5 (OD5) Control bit is used to enable the open-drain of the P52 pin. • Bit 4 (OD4) Control bit is used to enable the open-drain of the P51 pin. • Bit 3 (OD3) Control bit is used to enable the open-drain of the P67 pin. • Bit 2 (OD2) Control bit is used to enable the open-drain of the P66 pin. This specification is subject to change without prior notice. 06.25.2004 (V1.4) 16 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |