| Electronic Components Datasheet Search |
|
STGIPS14K60T Datasheet(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STGIPS14K60T Datasheet(HTML) 9 Page - STMicroelectronics |
|
9 / 20 page ![]() DocID018534 Rev 4 9/20 STGIPS14K60T Electrical characteristics 3.1 Control part Table 8. Low voltage power supply (VCC = 15 V unless otherwise specified) Symbol Parameter Test conditions Min. Typ. Max. Unit VCC_hys VCC UV hysteresis 1.2 1.5 1.8 V VCC_thON VCC UV turn ON threshold 11.5 12 12.5 V VCC_thOFF VCC UV turn OFF threshold 10 10.5 11 V Iqccu Undervoltage quiescent supply current VCC = 10 V SD = 5 V; LIN = 5 V; HIN = 0 450 µA Iqcc Quiescent current VCC = 15 V SD = 5 V; LIN = 5 V HIN = 0 3.5 mA Table 9. Bootstrapped voltage (VCC = 15 V unless otherwise specified) Symbol Parameter Test conditions Min. Typ. Max. Unit VBS_hys VBS UV hysteresis 1.2 1.5 1.8 V VBS_thON VBS UV turn ON threshold 11.1 11.5 12.1 V VBS_thOFF VBS UV turn OFF threshold 9.8 10 10.6 V IQBSU Undervoltage VBS quiescent current VBS < 9 V SD = 5 V; LIN and HIN = 5 V 70 110 µA IQBS VBS quiescent current VBS = 15 V SD = 5 V; LIN and HIN = 5 V 200 300 µA RDS(on) Bootstrap driver on resistance LVG ON 120 Table 10. Logic inputs (VCC = 15 V unless otherwise specified) Symbol Parameter Test conditions Min. Typ. Max. Unit Vil Low logic level voltage 0.8 1.1 V Vih High logic level voltage 1.9 2.25 V IHINh HIN logic “1” input bias current HIN = 15 V 110 175 260 µA IHINl HIN logic “0” input bias current HIN = 0 V 1 µA ILINl LIN logic “1” input bias current LIN = 0 V 3 6 20 µA ILINh LIN logic “0” input bias current LIN = 15 V 1 µA ISDh SD logic “0” input bias current SD = 15 V 30 120 300 µA ISDl SD logic “1” input bias current SD = 0 V 3 µA Dt Dead time see Figure 9 600 ns |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |