Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGIPS14K60T Datasheet(PDF) 10 Page - STMicroelectronics

Part # STGIPS14K60T
Description  SLLIMM (small low-loss intelligent molded module) IPM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPS14K60T Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STGIPS14K60T Datasheet HTML 6Page - STMicroelectronics STGIPS14K60T Datasheet HTML 7Page - STMicroelectronics STGIPS14K60T Datasheet HTML 8Page - STMicroelectronics STGIPS14K60T Datasheet HTML 9Page - STMicroelectronics STGIPS14K60T Datasheet HTML 10Page - STMicroelectronics STGIPS14K60T Datasheet HTML 11Page - STMicroelectronics STGIPS14K60T Datasheet HTML 12Page - STMicroelectronics STGIPS14K60T Datasheet HTML 13Page - STMicroelectronics STGIPS14K60T Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Electrical characteristics
STGIPS14K60T
10/20
DocID018534 Rev 4
Note:
X: don’t care
Table 11. Shut down characteristics (VCC = 15 V unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
tsd
Shut down to high / low side
driver propagation delay
VOUT = 0, Vboot = VCC,
VIN = 0 to 3.3 V
50
125
200
ns
Table 12. Truth table
Condition
Logic input (VI)Output
SD
LIN
HIN
LVG
HVG
Shutdown enable
half-bridge tri-state
LX
XL
L
Interlocking
half-bridge tri-state
HLHL
L
0 ‘’logic state”
half-bridge tri-state
HH
L
L
L
1 “logic state”
low side direct driving
HL
LHL
1 “logic state”
high side direct driving
HH
H
L
H
Figure 5. Maximum IC(RMS) current vs. switching
frequency (1)
Figure 6. Maximum IC(RMS) current vs. fSINE
(1)
1.
Simulated curves refer to typical IGBT parameters and maximum Rthj-c.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com