Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGIPS14K60T Datasheet(PDF) 11 Page - STMicroelectronics

Part # STGIPS14K60T
Description  SLLIMM (small low-loss intelligent molded module) IPM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPS14K60T Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STGIPS14K60T Datasheet HTML 7Page - STMicroelectronics STGIPS14K60T Datasheet HTML 8Page - STMicroelectronics STGIPS14K60T Datasheet HTML 9Page - STMicroelectronics STGIPS14K60T Datasheet HTML 10Page - STMicroelectronics STGIPS14K60T Datasheet HTML 11Page - STMicroelectronics STGIPS14K60T Datasheet HTML 12Page - STMicroelectronics STGIPS14K60T Datasheet HTML 13Page - STMicroelectronics STGIPS14K60T Datasheet HTML 14Page - STMicroelectronics STGIPS14K60T Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
DocID018534 Rev 4
11/20
STGIPS14K60T
Electrical characteristics
3.1.1
NTC thermistor
Equation 1: resistance variation vs. temperature
Where T are temperatures in Kelvins
Figure 7. NTC resistance vs. temperature
Figure 8. NTC resistance vs. temperature (zoom)
Table 13. NTC thermistor
Symbol
Parameter
Test conditions
Min.
Typ. Max. Unit.
R25
Resistance
T = 25°C
4.7
k
R125
Resistance
T = 125°C
160
B
B-constant
T = 25°C to 85°C
3950
K
T
Operating temperature
-40
150
°C
RT

R
25
e
B
1
T
---
1
298
----------
–


=
AM17168v1
NTC [kΩ]
MAX.
MIN.
0
20
40
60
80
100
120
140
160
180
-40 -20
0
20406080 100 120 140 (°C)
CENTER
AM17169v1
NTC [kΩ]
MAX.
MIN.
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
50 60 70 80 90 100 110 120 130 140 (°C)
CENTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com