Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PVC-105-22 Datasheet(PDF) 30 Page - Alpha Wire

Part # PVC-105-22
Description  Better wire management means better harnesses
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

PVC-105-22 Datasheet(HTML) 30 Page - Alpha Wire

Back Button PVC-105-22 Datasheet HTML 26Page - Alpha Wire PVC-105-22 Datasheet HTML 27Page - Alpha Wire PVC-105-22 Datasheet HTML 28Page - Alpha Wire PVC-105-22 Datasheet HTML 29Page - Alpha Wire PVC-105-22 Datasheet HTML 30Page - Alpha Wire PVC-105-22 Datasheet HTML 31Page - Alpha Wire PVC-105-22 Datasheet HTML 32Page - Alpha Wire PVC-105-22 Datasheet HTML 33Page - Alpha Wire PVC-105-22 Datasheet HTML 34Page - Alpha Wire Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
Alpha Wire | www.alphawire.com | 1-800-52 ALPHA
Specifications subject to change. For complete specifications and availability, visit www.alphawire.com.
510
FIT > FIT Wire Management > Maximum Performance Expandable Sleeving
FIT® Wire Management
Maximum Performance Expandable Sleeving
GRP-180
Superior abrasion resistance,
a wide operating temperature
range, easy installation for
industrial, solar, and high-abrasion
applications
• Superior abrasion resistance
• Easy to install
• Resists fuels, solvents,
chemicals, salt water, and UV
• Smooth inner wall to prevent
internal abrasion damage
Operating Temperature
• -60°C to +150°C
• 265°C melt temperature
Color
• Black
Materials
• Flat 20-mil nylon filaments
• Cuts with hot knife
Physical Properties
• Tensile strength: 19 psi
(0.13 N/mm2)
• Specific gravity: 1.12 max
Chemical Properties
• Corrosive effects: noncorrosive
• Fungus resistance: no growth
• Water absorption: 2.50% max
• UV resistant
• Lead free
Availability
See table
Reels may contain multiple lengths
Part No.
Nominal Size
Expansion Range
Construction
Standard Put-Ups
Inch
mm
Inch
mm
Carriers
Yarns
Total
Ft
m
GRP-180-1/2
1/2
12.70
0.375 – 0.625
9.53 – 15.88
24
1
24
50, 250
15.2, 76
GRP-180-3/4
3/4
19.05
0.625 – 1.000
15.88 – 25.40
36
1
36
50, 250
15.2, 76
GRP-180-1IN
1
25.40
0.875 – 1.250
22.22 – 31.75
44
1
44
50, 250
15.2, 76
GRP-180-1-1/4
1-1/4
31.75
1.000 – 1.500
25.40 – 38.10
48
1
48
25, 100
7.6, 30.5
GRP-180-1-3/4
1-3/4
44.45
1.500 – 2.000
38.10 – 50.80
80
1
80
25, 100
7.6, 30.5
GRP-180-2IN
2
50.80
1.750 – 2.750
44.45 – 69.85
96
1
96
25, 100
7.6, 30.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com