Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PVC-105-22 Datasheet(PDF) 7 Page - Alpha Wire

Part # PVC-105-22
Description  Better wire management means better harnesses
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

PVC-105-22 Datasheet(HTML) 7 Page - Alpha Wire

Back Button PVC-105-22 Datasheet HTML 3Page - Alpha Wire PVC-105-22 Datasheet HTML 4Page - Alpha Wire PVC-105-22 Datasheet HTML 5Page - Alpha Wire PVC-105-22 Datasheet HTML 6Page - Alpha Wire PVC-105-22 Datasheet HTML 7Page - Alpha Wire PVC-105-22 Datasheet HTML 8Page - Alpha Wire PVC-105-22 Datasheet HTML 9Page - Alpha Wire PVC-105-22 Datasheet HTML 10Page - Alpha Wire PVC-105-22 Datasheet HTML 11Page - Alpha Wire Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
Alpha Wire | www.alphawire.com | 1-800-52 ALPHA
Specifications subject to change. For complete specifications and availability, visit www.alphawire.com.
487
Expandable Polyester
Braided Sleeving
XS-100HD
Spirally cut sleeving simplifies
wiring, cabling, harnessing, and
bundling where breakout or
re-entry is required.
Braided Sleeving
XS-200N
Durable overbraiding for military
and commercial cable assemblies
protects against abrasion, mildew,
and aging. Type XS-200N nylon
braided self-fitting cable sleeving
has been designed to cover and
protect both round and flat cable
assemblies. The variety of sizes
and self-fitting features make
selection easy for solving many
of the cable assembly design
problems found in electronic,
electrical, aerospace, process
control, and robotic-automation
equipment.
Maximum Protection
Expandable Sleeving
GRP-180
For a thick abrasion guard offering
extreme protection against
abrasion and cut-through on
hoses and cables exposed to harsh
conditions. GRP-180 provides fuller
coverage for increased resistance
to abrasion and penetration, and
still expands for easy installation
over long lengths. The braided
construction allows moisture
dissipate quickly to prevent rot
and fungus.
Extreme Performance
Expandable Sleeving
GRP-200
GRP-200 sleeving uses PTFE
to allow the highest levels of
performance, including resistance
to chemicals, flame, and high
temperatures. Thermal stability
and low outgassing make it suited
to aerospace, military, and high-
tech applications. GRP-2000
sleeving is suitable for plenum
applications.
Abrasion-Resistant
Nylon Sleeving
XS-300
Tightly woven nylon, with a 45-
mil wall thickness, makes XS3000
sleeving the perfect solution for
protecting cables, hoses and
ropes from weather, sunlight and
abrasion damage. The sleeving is
resistant to chemicals, UV damage
and rot, making it suitable for
continuous outdoor use under all
weather conditions. The flexible
sleeving cuts with a scissor and
slides easily over any application.
FIT® Wire Management
Better wire management means better harnesses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com