Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PVC-105-22 Datasheet(PDF) 39 Page - Alpha Wire

Part # PVC-105-22
Description  Better wire management means better harnesses
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

PVC-105-22 Datasheet(HTML) 39 Page - Alpha Wire

Back Button PVC-105-22 Datasheet HTML 34Page - Alpha Wire PVC-105-22 Datasheet HTML 35Page - Alpha Wire PVC-105-22 Datasheet HTML 36Page - Alpha Wire PVC-105-22 Datasheet HTML 37Page - Alpha Wire PVC-105-22 Datasheet HTML 38Page - Alpha Wire PVC-105-22 Datasheet HTML 39Page - Alpha Wire PVC-105-22 Datasheet HTML 40Page - Alpha Wire PVC-105-22 Datasheet HTML 41Page - Alpha Wire PVC-105-22 Datasheet HTML 42Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
Alpha Wire | www.alphawire.com | 1-800-52 ALPHA
Specifications subject to change. For complete specifications and availability, visit www.alphawire.com.
519
FIT > FIT Wire Management > Tinned Copper Braid
FIT® Wire Management
Tinned Copper Braid
Flat, Oval
AA-59569A (as indicated)
Color
• Silver
Material
• Tinned copper braid
Part
No.
Flat Width,
Nom.
Thickness,
Nom.
Braid Construction
AWG
Equivalent,
Approx.
CMA,
Nom.
Current-
Carrying
Capacity
Standard Put-Ups
Inch
mm
Inch
mm
AWG of
Individ. Ends Carriers
No. of
Individ. Ends
Amps
Ft
m
1221*
0.025
0.64
0.015
0.38
36
8
8
27
200
4
100, 500,
1000
30.5, 152,
305
1222*
0.032
0.81
0.020
0.50
36
16
16
24
400
6
100, 500,
1000
30.5, 152,
305
1223
0.047
1.19
0.020
0.50
36
24
24
22
600
7
100, 500,
1000
30.5, 152,
305
1224*
0.094
2.39
0.020
0.50
36
16
48
19
1200
11
100, 500,
1000
30.5, 152,
305
1229
0.125
3.18
0.020
0.50
36
24
72
18
1800
16
100, 500,
1000
30.5, 152,
305
1230
0.187
4.75
0.020
0.50
36
24
120
15
3000
25
100, 500,
1000
30.5, 152,
305
1231
0.250
6.35
0.030
0.76
36
24
168
14
4200
32
100, 500,
1000
30.5, 152,
305
1232*
0.385
9.78
0.030
0.76
36
48
288
12
7200
46
100, 500,
1000
30.5, 152,
305
1233/2* 0.500 12.70 0.030
0.76
36
48
384
10
9600
53
100, 500,
1000
30.5, 152,
305
1233
0.625 15.88 0.030
0.76
36
48
384
10
9600
53
100, 500,
1000
30.5, 152,
305
1234
0.750 19.05 0.040
1.02
36
48
864
7
20,800
85
100, 500,
1000
30.5, 152,
305
1235*
1.000 25.40 0.045
1.14
36
48
864
7
20,800
85
100, 500,
1000
30.5, 152,
305
1239
1.375
34.93 0.050
1.27
30
48
336
5
33,700
100
100, 500,
1000
30.5, 152,
305
1240
1.500
38.10 0.060
1.52
30
48
528
3
53,064
150
100
30.5
1241*
1.750 44.45 0.080
2.03
30
48
1248
2/0
125,424
280
100
30.5
1242*
2.000 50.80 0.120
3.05
30
48
1436
3/0
154,368
310
100
30.5
1242/4* 3.000 76.20 0.200
5.08
30
48
2256
4/0
225,000
390
100
30.5
Availability
See table
Spools may contain multiple
lengths
*Not A-A-59569A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com