Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PVC-105-22 Datasheet(PDF) 8 Page - Alpha Wire

Part # PVC-105-22
Description  Better wire management means better harnesses
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

PVC-105-22 Datasheet(HTML) 8 Page - Alpha Wire

Back Button PVC-105-22 Datasheet HTML 4Page - Alpha Wire PVC-105-22 Datasheet HTML 5Page - Alpha Wire PVC-105-22 Datasheet HTML 6Page - Alpha Wire PVC-105-22 Datasheet HTML 7Page - Alpha Wire PVC-105-22 Datasheet HTML 8Page - Alpha Wire PVC-105-22 Datasheet HTML 9Page - Alpha Wire PVC-105-22 Datasheet HTML 10Page - Alpha Wire PVC-105-22 Datasheet HTML 11Page - Alpha Wire PVC-105-22 Datasheet HTML 12Page - Alpha Wire Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
Alpha Wire | www.alphawire.com | 1-800-52 ALPHA
Specifications subject to change. For complete specifications and availability, visit www.alphawire.com.
488
Expandable Polyester Webbed
Sleeving
ZIP-GRP
ZIP-GRP expandable webbing
offers superb flexibility and high
tensile strength while providing
added protection against flame,
chemicals, and abrasion. With its
hook and loop fastening, wires,
cable assemblies, and wire
harnesses are always accessible
and can be easily opened for any
number of breakouts. To prevent
fraying of ends, ZIP-GRP should
be cut/sealed with a hot knife.
Lacing Tape
Alpha lacing tapes offer high
tensile strength and knot retention.
Designed to allow a wider contact
area with the insulation so that
it remains in place, lacing tape is
flexible and easy on the assembler’s
hands. Once knotted, tape resists
slipping and does not increase
diameter of harness. Nylon has
excellent tensile strength and
resists acids, abrasion, flame, and
fungus. Polyester has all the
characteristics of nylon, but has
better resistance to acids, and no
appreciable discoloration.
Tinned and Silver-Plated
Copper Braid
A tight weave of multistrand, soft
drawn copper wire, either tinned
or silver plated, copper braid is an
ideal shielding material for short-
run cables providing easy radial
termination. In retrofit applications,
provides additional shielding
efficiency. Tinned copper flat braid,
used as a ground strap, provides
an excellent, low-resistance
ground path.
FIT® Wire Management
Better wire management means better harnesses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com