Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF200PU1 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # RF200PU1
Description  RF Engine Model SM200
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF200PU1 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button RF200PU1 Datasheet HTML 13Page - List of Unclassifed Manufacturers RF200PU1 Datasheet HTML 14Page - List of Unclassifed Manufacturers RF200PU1 Datasheet HTML 15Page - List of Unclassifed Manufacturers RF200PU1 Datasheet HTML 16Page - List of Unclassifed Manufacturers RF200PU1 Datasheet HTML 17Page - List of Unclassifed Manufacturers RF200PU1 Datasheet HTML 18Page - List of Unclassifed Manufacturers RF200PU1 Datasheet HTML 19Page - List of Unclassifed Manufacturers RF200PU1 Datasheet HTML 20Page - List of Unclassifed Manufacturers RF200PU1 Datasheet HTML 21Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
Model SM200 Data Sheet
∙
Document Number 430145-01B
∙
Page 21 of 21
©2012 Synapse Wireless, Inc.
∙
500 Discovery Drive, Huntsville, AL 35806
∙ 256-852-7888
∙
synapse-wireless.com
2.2.2
OEM Labeling Requirements
Labeling requirements for Industry Canada are similar to those of the FCC. A clearly
visible label on the outside of the final product housing must display the contents shown
in Figure 2.2.
NOTE: The OEM can choose to implement a single label combined for both FCC and
IC labeling requirements. If a combined single label is chosen, there must be a clearly
visible label on the outside of the final product housing displaying the contents shown in
Figure 2.3.
MANUFACTURERS NAME
Figure 2.2 IC Label
BRAND NAME or TRADE NAME
MODEL:
Contains Model SM200 IC: 7084A-SM200
MANUFACTURERS NAME
Figure 2.3 Combined FCC and IC Label
BRAND NAME or TRADE NAME
MODEL:
Contains Model SM200 FCC ID: U9O-SM200
Contains Model SM200 IC: 7084A-SM200
This device complies with Part 15 of the FCC Rules. Operation is subject to the
following two conditions: (1) This device may not cause harmful interferences, and (2)
this device must accept any interference received, including interference that may cause
undesired operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com