Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF200PU1 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # RF200PU1
Description  RF Engine Model SM200
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF200PU1 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button RF200PU1 Datasheet HTML 5Page - List of Unclassifed Manufacturers RF200PU1 Datasheet HTML 6Page - List of Unclassifed Manufacturers RF200PU1 Datasheet HTML 7Page - List of Unclassifed Manufacturers RF200PU1 Datasheet HTML 8Page - List of Unclassifed Manufacturers RF200PU1 Datasheet HTML 9Page - List of Unclassifed Manufacturers RF200PU1 Datasheet HTML 10Page - List of Unclassifed Manufacturers RF200PU1 Datasheet HTML 11Page - List of Unclassifed Manufacturers RF200PU1 Datasheet HTML 12Page - List of Unclassifed Manufacturers RF200PU1 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Model SM200 Data Sheet
∙
Document Number 430145-01B
∙
Page 9 of 21
©2012 Synapse Wireless, Inc.
∙
500 Discovery Drive, Huntsville, AL 35806
∙ 256-852-7888
∙
synapse-wireless.com
1.4
Electrical Characteristics
Table 1.2. DC Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
1
Units
VCC
Supply Voltage
2
1.8
3.3
3.6
V
T
Operating Temp
OP
-40
85
°C
V
Input Hi Voltage
IH
All Digital Inputs
VCC - 0.4
V
V
Input Low Voltage
IL
All Digital Inputs
0.4
V
V
Output Low Voltage
OL
All drive strengths
(2,4,6,8 mA)
0.4
V
V
Output High Voltage
OH
All drive strengths
(2,4,6,8 mA)
VCC - 0.4
V
IL
In Leakage Current
IN
VIN=VCC or VSS, all Pins
<10nA
1
uA
TX-I
Transmit Current
CC
VCC = 3.3V PTX=3dBm
14.5
3
mA
RX-I
Receive Current
CC
VCC = 3.3V
12.5
3
mA
SHDN-
I
Sleep Current
CC
VCC = 3.3V
0.25
uA
1
All typical specifications are measured at 25°C.
2
Absolute maximum stress rated voltage for VCC is -0.3 to 3.6. It is recommended that a bulk decoupling capacitor (47 uF
tantalum rated at 6.3volts) be located close to the VCC pin 21 of the SM200 connector on host board.
3
2.4Ghz transceiver current only. Does not include current required to run CPU.
Table 1.3. ADC Electrical Characteristics (Operating)
Symbol
Parameter
Condition
Min
Typical
Max
Unit
VREFH
Voltage Reference, High
3
Programmable
1.5
1.6
1.8
V
V
Analog input voltage
INDC
Single Ended
0
1.8
V
Differential
0
4
3.3
3
VREFH is programmable to three fixed values; 1.5V, 1.6V, and 1.8V. The default is 1.6V.
4
Each differential analog input may be as high as 3.3V but the single-ended voltage is still limited to the voltage reference.
Table 1.4. ADC Timing/Performance Characteristics
Symbol
Parameter
Condition
Min
Typical
Max
Unit
R
Source impedance at input
AS
5
3k
k
Ω
RES
Conversion Resolution
Single Ended
CLKADC <=
4MHz
10
Bits
Single Ended
CLKADC >
8MHz
8
DNL
Differential non-linearity
VREFH = 1.6V
CLKADC=4MHz
-0.5
LSB
INL
Integral non-linearity
VREFH = 1.6V
CLKADC=4MHz
0.8
LSB
E
Zero-scale error
ZS
1.5
LSB
E
Gain error
G
1
LSB
5
Any analog source with a source impedance greater the 3k
Ω will increase the sampling time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com