Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF200PU1 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # RF200PU1
Description  RF Engine Model SM200
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF200PU1 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  RF200PU1 Datasheet HTML 1Page - List of Unclassifed Manufacturers RF200PU1 Datasheet HTML 2Page - List of Unclassifed Manufacturers RF200PU1 Datasheet HTML 3Page - List of Unclassifed Manufacturers RF200PU1 Datasheet HTML 4Page - List of Unclassifed Manufacturers RF200PU1 Datasheet HTML 5Page - List of Unclassifed Manufacturers RF200PU1 Datasheet HTML 6Page - List of Unclassifed Manufacturers RF200PU1 Datasheet HTML 7Page - List of Unclassifed Manufacturers RF200PU1 Datasheet HTML 8Page - List of Unclassifed Manufacturers RF200PU1 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Model SM200 Data Sheet
∙
Document Number 430145-01B
∙
Page 4 of 21
©2012 Synapse Wireless, Inc.
∙
500 Discovery Drive, Huntsville, AL 35806
∙ 256-852-7888
∙
synapse-wireless.com
1.0
RF Engine Model SM200 OEM Modules Overview
The RF Engine Model SM200 includes the SM200P81, SM200PU1, RF200P81 and
RF200PU1 part numbers. They are IEEE 802.15.4, low power, highly-reliable solutions
to embedded wireless control and monitoring network needs that require high data
rates. The Model SM200 embeds Synapse’s SNAP OS, the industry’s first Internet-
enabled, wireless mesh network operating system into the Atmel ATmega128RFA1
single-chip AVR® microcontroller with an integrated transceiver that delivers up to
2Mbits/sec. These low-cost modules can have power consumption as low as 0.25
μA to
enable a new generation of battery-driven systems.
SNAP’s on-board Python interpreter provides for rapid application development and
over-the-air programming, while Atmel’s low-power RF single-chip design saves board
space and lowers the overall Bill of Materials and power consumption. The Model
SM200 modules are approved as an FCC Part 15 unlicensed modular transmitters, as
well as having CE Certification and IC Certification. The modules provide up to 16
channels of operation in the ISM 2.4GHz frequency band.
Data Sheet covers Part Numbers SM200P81/PU1 and RF200P81/PU1:
•
SM200P81/PU1: 38 GPIO and up to 7 A/D inputs
•
RF200P81/PU1: 20 GPIO and up to 7 A/D inputs
•
128k flash, 58.5k free for over-the-air uploaded user apps
•
Two UART ports for control or transparent data
•
Low power modes: 0.25
μA with internal timer running
•
Spread Spectrum (DSSS) technology surmounts noisy environments
•
Up to 2 Mbps Data Rate
•
2.4 GHz RF Frequency
•
Receive sensitivity -100dBm at 250kbps
•
Transmit Power 3 dBm
•
Integrated chip antenna or U.FL connecter
•
SM200P81/PU1: Solder-able
•
RF200P81/PU1: Solder-able, Socket-able



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com