Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF200PU1 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # RF200PU1
Description  RF Engine Model SM200
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF200PU1 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button RF200PU1 Datasheet HTML 4Page - List of Unclassifed Manufacturers RF200PU1 Datasheet HTML 5Page - List of Unclassifed Manufacturers RF200PU1 Datasheet HTML 6Page - List of Unclassifed Manufacturers RF200PU1 Datasheet HTML 7Page - List of Unclassifed Manufacturers RF200PU1 Datasheet HTML 8Page - List of Unclassifed Manufacturers RF200PU1 Datasheet HTML 9Page - List of Unclassifed Manufacturers RF200PU1 Datasheet HTML 10Page - List of Unclassifed Manufacturers RF200PU1 Datasheet HTML 11Page - List of Unclassifed Manufacturers RF200PU1 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Model SM200 Data Sheet
∙
Document Number 430145-01B
∙
Page 8 of 21
©2012 Synapse Wireless, Inc.
∙
500 Discovery Drive, Huntsville, AL 35806
∙ 256-852-7888
∙
synapse-wireless.com
1.3
RF Module Pin Compatibility
Table 1.1. SM200P81/PU1 Module Pin Assignments
RF200
Pin
SM200
Pin
Name
Description
1
A1, A8,
B8, C8,
D8, F8,
G8, H1,
H8
GND
Power Supply
2
D3
GPIO0/OC0A/OC1C/PCINT7/PB7
GPIO_0, PWM, or Interrupt
3
D2
GPIO1/OC1B/PCINT6/PB6
GPIO_1, PWM, or Interrupt
4
D1
GPIO2/OC1A/PCINT5/PB5
GPIO_2, PWM, or Interrupt
5
C1
GPIO3/RXD0/PCINT8/PE0
GPIO_3, Interrupt, or UART0 Data Input
6
C2
GPIO4/TXD0/PE1
GPIO_4, UART0 Data Output
7
C3
GPIO5/OC3B/INT4/PE4
GPIO_5, PWM, Interrupt, or UART0 CTS
Output
8
B3
GPIO6/OC3C/INT5/PE5
GPIO_6, PWM, Interrupt, or UART0 RTS Input
9
G4
GPIO7/RXD1/INT2/PD2
GPIO_7, Interrupt, or UART1 Data Input
10
H4
GPIO8/TXD1/INT3/PD3
GPIO_8, Interrupt, or UART1 Data Output
11
G3
GPIO9/ICP1/PD4
GPIO_9, or UART1 CTS Output
12
C5
GPIO10/ICP3/INT7/CLK0/PE7
GPIO_10, Interrupt, Clock Output, or UART1
RTS Input
13
A4
GPIO11/ADC0/PF0
GPIO_11, or Analog In
14
B4
GPIO12/ADC1/PF1
GPIO_12, SPI MOSI, or Analog In
15
A5
GPIO13/ADC2/DIG2/PF2
GPIO_13, SPI SCLK, Antenna Diversity, or
Analog In
16
B1
GPIO14/XCK0/AIN0/PE2
GPIO_14, SPI MISO, USART CLK, Analog
Comparator, or Analog In
17
A6
GPIO15/ADC4/TCK/PF4
GPIO_15, JTAG TCK, or Analog In
18
B6
GPIO16/ADC5/TMS/PF5
GPIO_16, JTAG TMS, or Analog In
19
A7
GPIO17/ADC6/TDO/PF6
GPIO_17, JTAG TDO, I2C SDA, or Analog In
20
B7
GPIO18/ADC7/TDI/PF7
GPIO_18, JTAG TDI, I2C SCL, or Analog In
21
A2, A3
VCC
Power Supply
22
B2
GPIO19/OC3A/AIN1/PE3
GPIO_19, PWM, Analog Comparator
23
H5
RESET
Module Reset, Active Low
24
A1, A8,
B8, C8,
D8, F8,
G8, H1,
H8
GND
Power Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com