Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMPB12UN Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PMPB12UN
Description  20 V single N-channel Trench MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMPB12UN Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PMPB12UN Datasheet HTML 2Page - NXP Semiconductors PMPB12UN Datasheet HTML 3Page - NXP Semiconductors PMPB12UN Datasheet HTML 4Page - NXP Semiconductors PMPB12UN Datasheet HTML 5Page - NXP Semiconductors PMPB12UN Datasheet HTML 6Page - NXP Semiconductors PMPB12UN Datasheet HTML 7Page - NXP Semiconductors PMPB12UN Datasheet HTML 8Page - NXP Semiconductors PMPB12UN Datasheet HTML 9Page - NXP Semiconductors PMPB12UN Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
NXP Semiconductors
PMPB12UN
20 V single N-channel Trench MOSFET
PMPB12UN
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved
Product data sheet
6 July 2012
6 / 15
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VGS = 8 V; VDS = 0 V; Tj = 25 °C
-
-
100
nA
IGSS
gate leakage current
VGS = -8 V; VDS = 0 V; Tj = 25 °C
-
-
100
nA
VGS = 4.5 V; ID = 7.9 A; Tj = 25 °C
-
14
18
mΩ
VGS = 4.5 V; ID = 7.9 A; Tj = 150 °C
-
21
27
mΩ
VGS = 2.5 V; ID = 3.5 A; Tj = 25 °C
-
17
23
mΩ
RDSon
drain-source on-state
resistance
VGS = 1.8 V; ID = 3.5 A; Tj = 25 °C
-
21
33
mΩ
gfs
forward
transconductance
VDS = 10 V; ID = 7.9 A; Tj = 25 °C
-
25
-
S
RG
gate resistance
f = 1 MHz
-
1.4
-
Ω
Dynamic characteristics
QG(tot)
total gate charge
-
8.8
13
nC
QGS
gate-source charge
-
1
-
nC
QGD
gate-drain charge
VDS = 10 V; ID = 6 A; VGS = 4.5 V;
Tj = 25 °C
-
2.2
-
nC
Ciss
input capacitance
-
886
-
pF
Coss
output capacitance
-
233
-
pF
Crss
reverse transfer
capacitance
VDS = 10 V; f = 1 MHz; VGS = 0 V;
Tj = 25 °C
-
129
-
pF
td(on)
turn-on delay time
-
9
-
ns
tr
rise time
-
20
-
ns
td(off)
turn-off delay time
-
26
-
ns
tf
fall time
VDS = 10 V; ID = 6 A; VGS = 4.5 V;
RG(ext) = 6 Ω; Tj = 25 °C
-
26
-
ns
Source-drain diode
VSD
source-drain voltage
IS = 1.8 A; VGS = 0 V; Tj = 25 °C
-
0.6
1.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com