Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMPB12UN Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PMPB12UN
Description  20 V single N-channel Trench MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMPB12UN Datasheet(HTML) 3 Page - NXP Semiconductors

  PMPB12UN Datasheet HTML 1Page - NXP Semiconductors PMPB12UN Datasheet HTML 2Page - NXP Semiconductors PMPB12UN Datasheet HTML 3Page - NXP Semiconductors PMPB12UN Datasheet HTML 4Page - NXP Semiconductors PMPB12UN Datasheet HTML 5Page - NXP Semiconductors PMPB12UN Datasheet HTML 6Page - NXP Semiconductors PMPB12UN Datasheet HTML 7Page - NXP Semiconductors PMPB12UN Datasheet HTML 8Page - NXP Semiconductors PMPB12UN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
NXP Semiconductors
PMPB12UN
20 V single N-channel Trench MOSFET
PMPB12UN
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved
Product data sheet
6 July 2012
3 / 15
Symbol
Parameter
Conditions
Min
Max
Unit
Tamb = 25 °C; t ≤ 5 s
[1]
-
3.5
W
Tsp = 25 °C
-
12.5
W
Tj
junction temperature
-55
150
°C
Tamb
ambient temperature
-55
150
°C
Tstg
storage temperature
-65
150
°C
Source-drain diode
IS
source current
Tamb = 25 °C
[1]
-
1.8
A
[1] Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated, mounting pad for
drain 6 cm2.
Tj (°C)
- 75
175
125
25
75
- 25
017aaa123
40
80
120
Pder
(%)
0
Fig. 1. Normalized total power dissipation as a
function of junction temperature
Tj (°C)
- 75
175
125
25
75
- 25
017aaa124
40
80
120
Ider
(%)
0
Fig. 2. Normalized continuous drain current as a
function of junction temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com