Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMPB12UN Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PMPB12UN
Description  20 V single N-channel Trench MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMPB12UN Datasheet(HTML) 1 Page - NXP Semiconductors

  PMPB12UN Datasheet HTML 1Page - NXP Semiconductors PMPB12UN Datasheet HTML 2Page - NXP Semiconductors PMPB12UN Datasheet HTML 3Page - NXP Semiconductors PMPB12UN Datasheet HTML 4Page - NXP Semiconductors PMPB12UN Datasheet HTML 5Page - NXP Semiconductors PMPB12UN Datasheet HTML 6Page - NXP Semiconductors PMPB12UN Datasheet HTML 7Page - NXP Semiconductors PMPB12UN Datasheet HTML 8Page - NXP Semiconductors PMPB12UN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
PMPB12UN
20 V single N-channel Trench MOSFET
6 July 2012
Product data sheet
Scan or click this QR code to view the latest information for this product
1. Product profile
1.1 General description
N-channel enhancement mode Field-Effect Transistor (FET) in a leadless medium power
DFN2020MD-6 (SOT1220) Surface-Mounted Device (SMD) plastic package using
Trench MOSFET technology.
1.2 Features and benefits
• Trench MOSFET technology
• Very fast switching
• Small and leadless ultra thin SMD plastic package: 2 x 2 x 0.65 mm
• Exposed drain pad for excellent thermal conduction
• Tin-plated 100 % solderable side pads for optical solder inspection
1.3 Applications
• Charging switch for portable devices
• DC-to-DC converters
• Power management in battery-driven portables
• Hard disk and computing power management
1.4 Quick reference data
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDS
drain-source voltage
-
-
20
V
VGS
gate-source voltage
Tj = 25 °C
-8
-
8
V
ID
drain current
VGS = 4.5 V; Tamb = 25 °C; t ≤ 5 s
[1]
-
-
11.3
A
Static characteristics
RDSon
drain-source on-state
resistance
VGS = 4.5 V; ID = 7.9 A; Tj = 25 °C
-
14
18
mΩ
[1] Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated, mounting pad for
drain 6 cm2.


Similar Part No. - PMPB12UN

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMPB12UNE NEXPERIA-PMPB12UNE Datasheet
748Kb / 16P
20 V, N-channel Trench MOSFET
PMPB12UNEA NEXPERIA-PMPB12UNEA Datasheet
295Kb / 15P
20 V, N-channel Trench MOSFET
26 March 2018
More results

Similar Description - PMPB12UN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMPB20XPE PHILIPS-PMPB20XPE_15 Datasheet
258Kb / 14P
20 V, single N-channel Trench MOSFET
30 November 2012
PMPB23XNE PHILIPS-PMPB23XNE_15 Datasheet
255Kb / 14P
20 V, single N-channel Trench MOSFET
30 November 2012
PMZB290UN PHILIPS-PMZB290UN_15 Datasheet
838Kb / 15P
20 V, single N-channel Trench MOSFET
Rev. 1 ??11 May 2012
logo
ZP Semiconductor
PMV170UN ZPSEMI-PMV170UN Datasheet
368Kb / 4P
20 V, single N-channel Trench MOSFET
logo
Nexperia B.V. All right...
PMF63UN NEXPERIA-PMF63UN Datasheet
1,008Kb / 16P
20 V, single N-channel Trench MOSFET
PMG45UN NEXPERIA-PMG45UN Datasheet
323Kb / 14P
20 V, single N-channel Trench MOSFET
PMPB20UN NEXPERIA-PMPB20UN Datasheet
351Kb / 14P
20 V, single N-channel Trench MOSFET
PMZB290UN NEXPERIA-PMZB290UN Datasheet
706Kb / 15P
20 V, single N-channel Trench MOSFET
PMPB10XNE NEXPERIA-PMPB10XNE Datasheet
751Kb / 14P
20 V, single N-channel Trench MOSFET
PMZB290UNE NEXPERIA-PMZB290UNE Datasheet
1Mb / 15P
20 V, single N-channel Trench MOSFET
Rev. 3 - 23 March 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com